Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF63 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SF63
Description  SUPER FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF63 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SF63 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF63 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
RATING AND CHARACTERISTIC CURVES ( SF61 - SF69 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FORWARD VOLTAGE, VOLTS
SF68 - SF69
60Hz RESISTIVE OR INDUCTIVE LOAD
8
6
4
2
10
100
10
1.0
120
0
150
0
90
60
30
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE
Ta = 50
°C
+ 0.5
0
- 0.25
- 1.0 A
Trr
1 cm
SET TIME BASE FOR 15 ns/cm
D.U.T.
50 Vdc
(approx.)
OSCILLOSCOPE
( NOTE 1 )
1
50
10
PULSE
GENERATOR
( NOTE 2 )
SF65 - SF67
SF61 - SF64
www.sunmate.tw


Similar Part No. - SF63

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF63 WTE-SF63 Datasheet
50Kb / 3P
   6.0A SUPER-FAST RECTIFIER
logo
HY ELECTRONIC CORP.
SF63 HY-SF63 Datasheet
405Kb / 3P
   Super Fast Recovery Recitifiers
logo
MIC GROUP RECTIFIERS
SF63 MIC-SF63 Datasheet
55Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
SF63 JUXING-SF63 Datasheet
1Mb / 2P
   Superfast Recovery Rectitiers
logo
Jinan Gude Electronic D...
SF63 JGD-SF63 Datasheet
165Kb / 2P
   6.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF63

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BYW98-50 SUNMATE-BYW98-50 Datasheet
371Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
ER800 SUNMATE-ER800 Datasheet
278Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
ER101 SUNMATE-ER101 Datasheet
377Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
SF51G SUNMATE-SF51G Datasheet
353Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
SF61G SUNMATE-SF61G Datasheet
565Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
ER201 SUNMATE-ER201 Datasheet
364Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
ER500 SUNMATE-ER500 Datasheet
280Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
   FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com