Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU3 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # RU3
Description  HIGH EFFICENCY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RU3 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  RU3 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RU3 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5--TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.4 -- PEAK FORWARD SURGE CURRENT
SET TIMEBASEFOR10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ
2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
t rr
-1.0A
-0.25A
0
+0.5A
1c m
1
1 0
50
0
10
20
30
40
50
RU3YX
5
RU3,RU3A,RU3B,RU3C
8.3ms Single Half
Sine-Wave
50
1.0
0
25
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.5
1.5
2.0
75
100
150
125
RU3B
RU3,RU3A,RU3C
RU3YX
     TJ=25
1
2
4
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
RU3A\RU3B
\RU3C
RU3YX\RU3
0
0.01
0.1
1.0
10
TJ=25
Pulse W idth=300
µS
0.4
0.8
1.2 1.6
2.0 2.4
2.8
3.2
3.6 4
RU3YX
RU3,RU3A
RU3B
RU3C
2 of 2
www.sunmate.tw


Similar Part No. - RU3

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU3 SANKEN-RU3 Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RU3 BILIN-RU3 Datasheet
59Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
EIC discrete Semiconduc...
RU3 EIC-RU3 Datasheet
42Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Rugao Dachang Electroni...
RU3 DACHANG-RU3 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
More results

Similar Description - RU3

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
HER10X HORNBY-HER10X Datasheet
238Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER30X HORNBY-HER30X Datasheet
232Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER60X HORNBY-HER60X Datasheet
250Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER50X HORNBY-HER50X Datasheet
274Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER20X HORNBY-HER20X Datasheet
264Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER160X HORNBY-HER160X Datasheet
299Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
1HX HORNBY-1HX Datasheet
245Kb / 3P
   MINIATURE HIGH EFFICENCY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
MUR1620CT SEMTECH_ELEC-MUR1620CT Datasheet
280Kb / 2P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
logo
Nantong Hornby Electron...
HER160XPT HORNBY-HER160XPT Datasheet
272Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
HER160XCT HORNBY-HER160XCT Datasheet
306Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com