Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RS5A
Description  SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS5A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RS5A Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS5A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT : 5.0 A
Case: SMC(DO-214AB),Molded Plastic
RS5A - RS5M
SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES
Maximum Ratings and Electrical Characteristics @ T
A = 25
°C unless otherwise specified
Mechanical Data
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
VOLT AGE RANGE: 50-1000V
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Features
Glass Passivated Die Construction
Fast Recovery Time for High Efficiency
Low Forward Voltage Drop and High Current
Capability
Ideally Suited for Automatic Assembly
Plastic Material: UL Flammability
Classification Rating 94V-0
Weight: 0.21 grams (approx.)
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMC/DO-214AB
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
150.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
100.0
RθJA
CJ
TJ,TSTG
50.0
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
RS5A
RS5B
RS5D
RS5G
RS5J RS5K RS5M
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
78.0
Characteristic
Symbol
Unit
V
V
V
A
A
V
1 of 2
www.sunmate.tw


Similar Part No. - RS5A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
RS5A LUGUANG-RS5A Datasheet
203Kb / 2P
   Surface Mount Rectifiers
logo
Zibo Seno Electronic En...
RS5A ZSELEC-RS5A Datasheet
113Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Guangdong Juxing Electr...
RS5A JUXING-RS5A Datasheet
1Mb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Bytesonic Electronics C...
RS5A BYTESONIC-RS5A Datasheet
282Kb / 2P
   5.0 AMP FAST RECOVERY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
RS5A YFWDIODE-RS5A Datasheet
402Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS5A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FFM301 SUNMATE-FFM301 Datasheet
314Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3A SUNMATE-FR3A Datasheet
313Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR5AF SUNMATE-FR5AF Datasheet
456Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AB SUNMATE-RS3AB Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR1AF SUNMATE-FR1AF Datasheet
332Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AAF SUNMATE-RS3AAF Datasheet
308Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
SMF101B SUNMATE-SMF101B Datasheet
345Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com