Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICPL2611 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. ICPL2611
Description  HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICPL2611 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30/7/03
DB91019-AAS/A2
HIGH CMR, VERY HIGH SPEED
OPTICALLY COUPLED ISOLATOR
LOGIC GATE OUTPUT
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 125°C
Operating Temperature
-40°C to + 85°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Average Forward Current
50mA
Reverse Voltage
5V
DETECTOR
Enable Input Voltage ( V
E )
5.5V
(not to exceed V
CC by more than 500mV)
Supply Voltage(V
CC )
7V
(1 minute maximum)
Output Current ( I
O )
50mA
Output Voltage ( V
O )
7V
Collector Output Power Dissipation
85mW
APPROVALS
l
UL recognised, File No. E91231
DESCRIPTION
The ICPL2611 optocoupler consists of a GaAsP
light emitting diode and a high gain integrated
photo detector to provide 2500Volts
RMS electrical
isolation between input and output. An enable
input allows the detector to be strobed. The
output of the detector I.C. is an open collector
Schottky clamped transistor. The ICPL2611 has an
internal shield which provides a common mode
transient immunity specification of 10000V/
µs
typical.This unique design provides maximum ac
and dc circuit isolation while achieving TTL
compatibility. The coupled parameters are
guaranteed over the temperature range of -40°C to
+85°C, such that a maximum input signal of 5mA
will provide a minimum output sink current of
13mA(equivalent to fan-out of eight gates)
FEATURES
l
High speed - 10MBit/s
l
High Common Mode Transient
Immunity 10kV/
µs typical
l
Logic gate output
l
ICPL2611 has improved noise shield
for superior common mode rejection
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
APPLICATIONS
l
Line receiver, data transmission
l
Computer-peripheral interface
l
Data multiplexing
l
Pulse transformer replacement
0.3
0.5
Dimensions in mm
6.9
6.3
1.3
15°
Max
3.3
4.0
3.6
2.54
9.7
9.1
0.5
1.3
* NOISE SHIELD
7.62
4
3
2
1
8
7
6
5
*
OPTION G
OPTION SM
10.16
10.2
9.5
0.3
1.2
0.6
1.4
0.9
7.62
SURFACE MOUNT
INPUT
ENABLE
OUTPUT
H
H
L
L
H
H
H
L
H
L
L
H
TRUTH TABLE
A 0.1
µF bypass
capacitor must be
connected between
pins 8 and 5 ( See
note 1)
V
CC
GND
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
ICPL2611


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn