Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0906-3FLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0906-3FLC
Description  Micro Spring??Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0906-3FLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  0906-3FLC Datasheet HTML 1Page - Coilcraft lnc. 0906-3FLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 163-2
Document 163-2 Revised 10/13/15
Micro Spring™ Air Core Inductors
Typical L vs Frequency – 0906 Series
Typical L vs Frequency – 1606 Series
0
2
4
6
8
10
12
14
100
1000
Frequency (MHz)
3.85 nH
2.55 nH
1.65 nH
5.40 nH
0
2
4
6
8
10
12
14
100
1000
Frequency (MHz)
12.55 nH
9.85 nH
8.80 nH
7.15 nH
5.60 nH
Typical Q vs Frequency – 0906 Series
Typical Q vs Frequency – 1606 Series
0
50
100
150
200
250
100
1000
Frequency (MHz)
1.65 nH
2.55 nH
3.85 nH
5.40 nH
0
50
100
150
200
250
100
1000
Frequency (MHz)
7.15 nH
12.55 nH
8.80 nH
5.60 nH
9.85 nH
Designer’s Kit C308 contains 12 each of all values.
Designer’s Kit C308-2 contains12 each of all 2% values.
SizeA maxB max
C max
DE
F max
0906
0.095
0.060
0.072
0.135
0.055 ±0.010
±0.010
0.020
2,41
3,43
1,52
1,40 ±0,25
1,83 ±0,25
0,51
1606
0.165
0.135
0.062
0.055 ±0.010
0.144 ±0.012
0.020
4,19
3,43
1,58
1,40 ±0,25
3,66 ±0,30
0,51
Recommended Land Patterns
0906 Size
1606 Size
0.031
0,79
0.031
0,79
0.144
3,66
0.072
1,83
0.097
2,46
0.097
2,46
0.040
1,02
0.040
1,02
A
B
D
C
E
F
Strip
Length
135°
max
0° min
Pick and place
surface
Dimensions are in
inches
mm


Similar Part No. - 0906-3FLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0906-3FLC COILCRAFT-0906-3FLC Datasheet
309Kb / 2P
   Micro Spring Air Core Inductors
More results

Similar Description - 0906-3FLC

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFA04TG XFMRS-XFA04TG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
   Micro Spring Air Core Inductors
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XFA02TJ XFMRS-XFA02TJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
logo
Coilcraft lnc.
0906-2KL COILCRAFT-0906-2KL Datasheet
243Kb / 2P
   Micro Spring??Air Core Inductors
logo
XFMRS Inc.
XF132-20SM XFMRS-XF132-20SM Datasheet
81Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XFA03TJ XFMRS-XFA03TJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com