Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL2015-1LD Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # FL2015-1LD
Description  CCFL Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

FL2015-1LD Datasheet(HTML) 3 Page - Coilcraft lnc.

  FL2015-1LD Datasheet HTML 1Page - Coilcraft lnc. FL2015-1LD Datasheet HTML 2Page - Coilcraft lnc. FL2015-1LD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 293-3 Revised 09/13/11
Document 293 -3
CCFL Transformers
Package 5 – In-board mounting
Weight:
3.8 – 4.0 g
Terminations: Tin-silver over tin over copper over copper-steel
Tape and reel: 1000/13
″ reel 56 mm tape width
For packaging data see Tape and Reel Specifications section.
max
8
1
6
7
8
1
6
7
0.016
0,40
typ
Dot indicates pin 1
0.063
1,60
cen
1.440
36,58
min
0.366
9,30
max
max
Recommended
Land Pattern
0.137
3,48
min
0.020
0,51
0.063
1,60
cen
6
7
max
1.165
29,60
1.439
36,55
Minimum PCB cutout
0.382 × 1.173
9,70 × 29,80
0.225
5,72
0.150
3,81
In-board Mounting


Similar Part No. - FL2015-1LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FL2015-1LD COILCRAFT-FL2015-1LD Datasheet
111Kb / 3P
   CCFL Transformers
More results

Similar Description - FL2015-1LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FL2015-7LB COILCRAFT-FL2015-7LB Datasheet
111Kb / 3P
   CCFL Transformers
FL2015-1L COILCRAFT-FL2015-1L Datasheet
123Kb / 3P
   CCFL Transformers
logo
List of Unclassifed Man...
PM61300 ETC1-PM61300 Datasheet
163Kb / 1P
   SMT, CCFL Inverter Transformers
logo
Sanken electric
SCF-0275 SANKEN-SCF-0275 Datasheet
60Kb / 2P
   CCFL-Inverter
logo
Applied Concepts Inc.
ACB-12-1354 ACIPOWER-ACB-12-1354 Datasheet
99Kb / 1P
   CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
   CCFL INVERTER
AC2-10-1092 ACIPOWER-AC2-10-1092 Datasheet
154Kb / 1P
   CCFL INVERTER
AC2-12-1166 ACIPOWER-AC2-12-1166 Datasheet
153Kb / 1P
   CCFL INVERTER
AC2-12-1470 ACIPOWER-AC2-12-1470 Datasheet
93Kb / 1P
   CCFL INVERTER
AC2-12-1608 ACIPOWER-AC2-12-1608 Datasheet
2Mb / 2P
   CCFL INVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com