Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPH4-0060L Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # HPH4-0060L
Description  Hexa-Path Magnetics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

HPH4-0060L Datasheet(HTML) 4 Page - Coilcraft lnc.

  HPH4-0060L Datasheet HTML 1Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 2Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 3Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 4Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 5Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 6Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 7Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 8Page - Coilcraft lnc. HPH4-0060L Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Hexa-Path Magnetics
Document 613-4
Document 613-4 Revised 08/20/15
Recommended
Land Pattern
0.382
9,70
0.685
17,40
0.950
24,13
0.699
17,00
0.799
20.30
0.100
2,54
0.100
2,54
0.069
1,75
0.028
0,70
max
max
max
0.004 / 0,10
12
1
1
0.748
19,0
0.130
3,30
Dot indicates pin 1
12
12
1
1
Recommended
Land Pattern
0.291
7,40
0.677
17,20
0.865
22,00
0.665
16,88
0.591
15,00
0.693
17,60
0.135
3,43
0.098
2,50
0.098
2,50
0.069
1,75
0.028
0,70
Dot indicates pin 1
max
max
max
0.004 / 0,10
12
HP3, HPH3
HP4, HPH4
Weight: 4.2 – 4.6 g
Packaging 200 per 13
″ reel Plastic tape: 44 mm wide,
0.4 mm thick, 28 mm pocket spacing, 9.6 mm pocket depth
Weight: 6.8 – 7.5 g
Packaging 200 per 13
″ reel Plastic tape: 44 mm wide,
0.4 mm thick, 24 mm pocket spacing, 10.56 mm pocket depth
Dimensions are in
inches
mm
Dimensions are in
inches
mm


Similar Part No. - HPH4-0060L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HPH4-0060L COILCRAFT-HPH4-0060L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HPH4-0060L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HPX2126LB COILCRAFT-HPX2126LB_13 Datasheet
142Kb / 4P
   High Power PoE Signal Path Magnetics
HPX2126L COILCRAFT-HPX2126L Datasheet
245Kb / 4P
   High Power PoE Signal Path Magnetics
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A_13 Datasheet
436Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14240100B TAOGLAS-FXP14240100B Datasheet
277Kb / 7P
   FXP14 Hexa-Band Cellular Antenna
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
   Hexa-Band Cellular SMD Antenna
logo
Taoglas antenna solutio...
FXP14R.A.07.0100A TAOGLAS-FXP14R.A.07.0100A_13 Datasheet
557Kb / 9P
   FXP14 Hexa-Band Cellular Antenna
FXP14.24.0100B TAOGLAS-FXP14.24.0100B_13 Datasheet
402Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14.07.0100A TAOGLAS-FXP14.07.0100A_14 Datasheet
453Kb / 7P
   FXP14 Hexa Band Cellular Antenna
PA25A TAOGLAS-PA25A Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com