Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1616ASX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN1616ASX
Description  0.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1616ASX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN1616ASX Datasheet HTML 1Page - Fairchild Semiconductor FAN1616ASX Datasheet HTML 2Page - Fairchild Semiconductor FAN1616ASX Datasheet HTML 3Page - Fairchild Semiconductor FAN1616ASX Datasheet HTML 4Page - Fairchild Semiconductor FAN1616ASX Datasheet HTML 5Page - Fairchild Semiconductor FAN1616ASX Datasheet HTML 6Page - Fairchild Semiconductor FAN1616ASX Datasheet HTML 7Page - Fairchild Semiconductor FAN1616ASX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.fairchildsemi.com
REV. 1.0.5 3/1/02
Features
• Low dropout voltage
• Load regulation: 0.05% typical
• Current limit
• On-chip thermal limiting
• Standard SOT-223 and TO-252 packages
• Three-terminal adjustable or fixed 1.8V, 2.5V, 3.3V or 5V
• Specified from -40°C to +125°C
Applications
• USB Controlled Power Supply
• High efficiency linear regulators for Mixed Voltage
Logic, ASIC, FPGA based systems
• Post regulators for switching supplies
• Battery chargers
• 12V to 5V, 3.3V, 2.5V, 1.8V, or adj linear regulators
• Motherboard clock supplies
• SDRAM Module supplies
Description
The FAN1616A, FAN1616A-1.8, -2.5, -3.3 and -5 are low
dropout three-terminal regulators with 0.5A output current
capability. These devices have been optimized for applica-
tions where transient response and minimum dropout voltage
are critical. The 5V version is designed also to be used in
USB Hub and Motherboard applications.
On-chip thermal limiting provides protection against any
combination of overload and ambient temperature that
would create excessive junction temperatures.
Unlike PNP type regulators where up to 10% of the output
current is wasted as quiescent current, the bias current of the
FAN1616A flows into the load, increasing efficiency.
The FAN1616A series regulators are available in the
industry-standard SOT-223 and TO-252 power packages.
Typical Applications
VIN = 12V
VIN
VOUT
ADJ
9V at 0.5A
FAN1616A
10
µF22µF
R1
124
R2
768
VIN = 9V
VIN
VOUT
GND
3.3V at 0.5A
FAN1616A-3.3
10
µF
++
+
+
22
µF
VOUT = VREF(1 + R2/R1) + IAdj • R2
FAN1616A
0.5A Adjustable/Fixed Low Dropout Linear Regulator


Similar Part No. - FAN1616ASX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1616ASX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com