Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL2015-2LB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # FL2015-2LB
Description  CCFL Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

FL2015-2LB Datasheet(HTML) 1 Page - Coilcraft lnc.

  FL2015-2LB Datasheet HTML 1Page - Coilcraft lnc. FL2015-2LB Datasheet HTML 2Page - Coilcraft lnc. FL2015-2LB Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 293-1 Revised 09/13/11
CCFL Transformers
Document 293 -1
1. When ordering, please specify a
packaging code:
FL2810-1LD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape.
Package 1: 400 parts per full reel.
Package 4: 750 parts per full reel.
Package 5: 1000 parts per full reel.
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance is measured across both halves of the primary.
3. Vrms = continuous voltage.
4. Vinst = instantaneous voltage at startup.
5. Ambient temperature range:
−40°C to +85°C.
Storage temperature range: Component: –40°C to +85°C
Tape and reel packaging: –40°C to +80°C
6. Electrical specifications at 25°C.
Part
Turns ratio
Output Inductance2
Imax
Vrms3
Vinst max4
DCR max (Ohms)
number1 Schematic Package pri :sec
pri :fb
(Watts)
nom (µH)
sec (mA) pri
sec
pri
sec
pri
sec
fb
FL2015-1L_
B
1
1
:67
1
:0.19
6.0
43
5.0
22
1600
25.0
2000 0.220
285 0.10
FL2015-2L_
A
1
1
:67
1
:0.19
6.0
43
5.0
23
1600
29.0
2000 0.220
285 0.10
FL2015-3L_
A
1
1
:100
1
:0.25
6.0
19
5.0
16
1600
20.0
2000 0.190
285 0.10
FL2015-4L_
A
1
1
:50
1
:0.14
6.0
44
7.0
32
1600
40.0
2000 0.220
165 0.10
FL2015-5L_
A
1
1
:125
1
:0.38
6.0
20
7.0
12
1600
16.0
2000 0.160
330 0.10
FL2015-6L_
B
1
1
:67
1
:0.19
6.0
48
11.0
23
1600
29.0
2000 0.160
176 0.10
FL2015-7L_
A
1
1
:67
1
:0.19
6.0
50
11.0
23
1600
29.0
2000 0.160
176 0.10
FL2015-8L_
A
1
1
:86
1
:0.21
6.0
31
11.0
18
1600
23.0
2000 0.132
176 0.10
FL2015-9L_
A
1
1
:100
1
:0.25
6.0
22
11.0
16
1600
20.0
2000 0.132
176 0.10
FL2015-10L_
A
1
1
:93
1
:0.25
4.5
40
11.0
17
1600
21.0
2000 0.175
675 0.05
FL3209-1L, FL3209-3L Not recommended for new designs. Order FL3209-5L, which is electrically equivalent.
FL3209-2L, FL3209-4L Not recommended for new designs. Order FL3209-6L, which is electrically equivalent.
FL3209-5L_
C
5
1
:100
3.5
48
5.0
16
1600
20.0
2000 0.350
362
FL3209-6L_
D
5
1
:93
1
:0.17
3.5
40
5.0
17
1600
21.0
2000 0.400
800 0.08
FL2810-1L_
C
4
1
:100
4.5
35
7.0
15
1500
16.5
1650 0.220
500
C
2
3
6
4
7
Primary
Secondary
2
1
A
3
5
8
4
9
Primary
Secondary
Feedback
Primary
Secondary
Feedback
B
2
1
3
5
3
4
9
D
1
2
3
4
6
5
7
Primary
Secondary
Feedback
Schematics
The FL Series of transformers is designed for use in
cold cathode fluorescent lamp (CCFL) power supplies at
operating frequencies up to 100 kHz. With output power
from 3.5 to 6.0 Watts, these transformers are ideal for
LCD backlight applications. They are available in two
different gull wing, surface mount packages and one in-
board configuration for height restricted designs.
Free evaluation samples are available by contacting
Coilcraft or ordering them on-line at
www.coilcraft.com.
For Royer
For Royer
For full-bridge
For Royer
topology
topology
topology
topology
Isolation (tested for one minute)
Part
Primary to
Primary to
All windings
number
secondary
feedback
to core
FL2015
1500 Vrms
500 Vrms
1500 Vrms
FL3209
500 Vrms
500 Vrms
1500 Vrms
FL2810
1500 Vrms
1500 Vrms
Note: For Schematic B, primary is connected to secondary at pin 3.
The primary is not isolated from the secondary.


Similar Part No. - FL2015-2LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FL2015-2LB COILCRAFT-FL2015-2LB Datasheet
111Kb / 3P
   CCFL Transformers
More results

Similar Description - FL2015-2LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FL2015-7LB COILCRAFT-FL2015-7LB Datasheet
111Kb / 3P
   CCFL Transformers
FL2015-1L COILCRAFT-FL2015-1L Datasheet
123Kb / 3P
   CCFL Transformers
logo
List of Unclassifed Man...
PM61300 ETC1-PM61300 Datasheet
163Kb / 1P
   SMT, CCFL Inverter Transformers
logo
Sanken electric
SCF-0275 SANKEN-SCF-0275 Datasheet
60Kb / 2P
   CCFL-Inverter
logo
Applied Concepts Inc.
ACB-12-1354 ACIPOWER-ACB-12-1354 Datasheet
99Kb / 1P
   CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
   CCFL INVERTER
AC2-10-1092 ACIPOWER-AC2-10-1092 Datasheet
154Kb / 1P
   CCFL INVERTER
AC2-12-1166 ACIPOWER-AC2-12-1166 Datasheet
153Kb / 1P
   CCFL INVERTER
AC2-12-1470 ACIPOWER-AC2-12-1470 Datasheet
93Kb / 1P
   CCFL INVERTER
AC2-12-1608 ACIPOWER-AC2-12-1608 Datasheet
2Mb / 2P
   CCFL INVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com