Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EL2044 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. EL2044
Description  Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL2044 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
NOTES:
1. Slew rate is measured on rising edge.
2. For VS = ±15V, VOUT = 20VPP. For VS = ±5V, VOUT = 5VPP. Full-power bandwidth is based on slew rate measurement using: FPBW = SR / (2π * Vpeak).
3. Video performance measured at VS = ±15V, AV = +2 with 2 times normal video level across RL = 150Ω. This corresponds to standard video levels across
a back-terminated 75
Ω load. For other values of RL, see curves.
IS
Supply Current
VS = ±15V, no load
25°C
5.2
7
mA
TMIN, TMAX
7.6
mA
VS = ±5V, no load
25°C
5.0
mA
RIN
Input Resistance
Differential
25°C
150
k
Common-mode
25°C
15
M
CIN
Input Capacitance
AV = +1 @10MHz
25°C
1.0
pF
ROUT
Output Resistance
AV = +1
25°C
50
m
PSOR
Power-supply Operating Range Dual-supply
25°C
±2.0
±18.0
V
Single-supply
25°C
2.5
36.0
V
NOTE:
1. Measured from TMIN to TMAX.
Closed-Loop AC Electrical Specifications
VS = ±15V, AV = +1, RL = 1kΩ unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
TEMP
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 0.4VPP)VS = ±15V, AV = +1
25°C
120
MHz
VS = ±15V, AV = -1
25°C
60
MHz
VS = ±15V, AV = +2
25°C
60
MHz
VS = ±15V, AV = +5
25°C
12
MHz
VS = ±15V, AV = +10
25°C
6
MHz
VS = ±5V, AV = +1
25°C
80
MHz
GBWP
Gain-bandwidth Product
VS = ±15V
25°C
60
MHz
VS = ±5V
25°C
45
MHz
PM
Phase Margin
RL = 1 kΩ, CL = 10 pF
25°C
50
°
SR
Slew Rate (Note 1)
VS = ±15V, RL = 1kΩ
25°C
250
325
V/µs
VS = ±5V, RL = 500Ω
25°C
200
V/µs
FPBW
Full-power Bandwidth (Note 2)
VS = ±15V
25°C
4.0
5.2
MHz
VS = ±5V
25°C
12.7
MHz
tR, tF
Rise Time, Fall Time
0.1V Step
25°C
3.0
ns
OS
Overshoot
0.1V Step
25°C
20
%
tPD
Propagation Delay
25°C
2.5
ns
tS
Settling to +0.1% (AV = +1)
VS = ±15V, 10V step
25°C
80
ns
VS = ±5V, 5V step
60
ns
dG
Differential Gain (Note 3)
NTSC/PAL
25°C
0.04
%
dP
Differential Phase
NTSC/PAL
25°C
0.15
°
eN
Input Noise Voltage
10kHz
25°C
15.0
nV/
√Hz
iN
Input Noise Current
10kHz
25°C
1.50
pA/
√Hz
DC Electrical Specifications
VS = ±15V, RL = 1kΩ, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
TEMP
MIN
TYP
MAX
UNIT
EL2044


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn