Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO4815-392MLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPO4815-392MLC
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO4815-392MLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPO4815-392MLC Datasheet HTML 1Page - Coilcraft lnc. LPO4815-392MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Power Inductors–LPO4815
Document 354 -1
DCR3
SRF4
Inductance2
max
typ
Isat5 Irms6
Part number1
(µH)
(Ohms) (MHz) (A)
(A)
LPO4815-102ML_
1.0 ±20%
0.036
230
1.6
1.9
LPO4815-152ML_
1.5 ±20%
0.085
200
1.5
1.7
LPO4815-222ML_
2.2 ±20%
0.088
150
1.1
1.5
LPO4815-332ML_
3.3 ±20%
0.12
115
0.90
1.3
LPO4815-392ML_
3.9 ±20%
0.13
105
0.86
1.2
LPO4815-472ML_
4.7 ±20%
0.15
95
0.77
1.1
LPO4815-682ML_
6.8 ±20%
0.18
72
0.65
1.0
LPO4815-822ML_
8.2 ±20%
0.22
65
0.58
0.90
LPO4815-103KL_
10 ±10%
0.23
60
0.50
0.85
LPO4815-123KL_
12 ±10%
0.31
50
0.45
0.80
LPO4815-153KL_
15 ±10%
0.36
45
0.42
0.75
LPO4815-223KL_
22 ±10%
0.48
35
0.36
0.70
LPO4815-333KL_
33 ±10%
0.71
30
0.28
0.65
LPO4815-393KL_
39 ±10%
0.83
25
0.26
0.60
LPO4815-473KL_
47 ±10%
1.20
25
0.22
0.55
LPO4815-683KL_
68 ±10%
1.40
20
0.20
0.45
LPO4815-104KL_
100 ±10%
2.15
15
0.15
0.36
LPO4815-154KL_
150 ±10%
3.15
12
0.13
0.30
LPO4815-224KL_
220±10%
4.30
10
0.11
0.27
1. When ordering, please specify
termination and packaging codes:
LPO4815-224KLC
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (3500 parts per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4191A or equivalent.
5. DC current at which the inductance drops 10% (typ) from its value with-
out current.
6. Current that causes a 40°C temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C376 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 70.0 – 78.5 mg
Ambient temperature –40°C to +85°C with
Irms current
Maximum temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.6 mm pocket depth
Recommended pick and place nozzle OD: 4.6 mm; ID:
≤ 2.3 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Very low profile - only 1.5 mm high!
• Handles current up to 1.9 Amps rms
Document 354-1 Revised 11/24/15


Similar Part No. - LPO4815-392MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO4815-392MLC COILCRAFT-LPO4815-392MLC Datasheet
187Kb / 2P
   SMT Power Inductors - LPO4815
More results

Similar Description - LPO4815-392MLC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com