Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3884A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3884A
Description  BTL Handshake Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3884A Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS3884A Datasheet HTML 1Page - National Semiconductor (TI) DS3884A Datasheet HTML 2Page - National Semiconductor (TI) DS3884A Datasheet HTML 3Page - National Semiconductor (TI) DS3884A Datasheet HTML 4Page - National Semiconductor (TI) DS3884A Datasheet HTML 5Page - National Semiconductor (TI) DS3884A Datasheet HTML 6Page - National Semiconductor (TI) DS3884A Datasheet HTML 7Page - National Semiconductor (TI) DS3884A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pin Descriptions (Continued)
DE*
Dn
FRn
Rn
Bn
HXH
H
L
HX
L
L
H
L
HHH
L
LLLL
H
X: High or low logic state
L: Low state
H: High state
L-H: Low to high transition
Glitch Filter Table
PS1
PS2
Filter Setting
LL
5 ns
L
H
10 ns
H
L
14 ns
H
H
24 ns
Application Information
The DS3884A is pin to pin and functionally compatible with
the DS3884. The DS3884A is a speed and power enhanced
version of the DS3884. There are two minor differences be-
tween the DS3884 and DS3884A.
The external resistor used in the DS3884A is different from
that used in the DS3884. REXT for the DS3884 is 6.2k while
REXT for the DS3884A is 13k. The available filter settings for
the DS3884A are 5 ns, 10 ns, 14 ns, 24 ns, while the settings
for the DS3884 are 5 ns, 7.5 ns, 15 ns, and 25 ns.
Utilization of the DS3884A simplifies the implementation of
all handshake signals which require Wired-OR glitch filtering.
Three of the six bits have an additional parallel Wired-OR fil-
tered receive output giving a total of nine receiver outputs.
DS011460-5
FIGURE 1. Driver Propagation Delay Set-Up
DS011460-6
FIGURE 2. Driver: Dn to Bn
DS011460-7
FIGURE 3. Driver: DE* to Bn
DS011460-8
Switch Position
t
PLH
t
PHL
S1
open
close
FIGURE 4. Receiver Propagation Delay Set-Up
DS011460-9
FIGURE 5. Receiver: Bn to FRn, Bn to Rn
DS011460-10
FIGURE 6. Receiver: t
GR, FRn(min) = 2V
DS011460-11
FIGURE 7. Receiver: PSn to Bn
www.national.com
6


Similar Part No. - DS3884A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DS3884 MITEL-DS3884 Datasheet
150Kb / 12P
   Pythagoras Processor
More results

Similar Description - DS3884A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3885 NSC-DS3885 Datasheet
200Kb / 12P
   BTL Arbitration Transceiver
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com