Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3095DDA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 5Page - Texas Instruments THS3095DDA Datasheet HTML 6Page - Texas Instruments THS3095DDA Datasheet HTML 7Page - Texas Instruments THS3095DDA Datasheet HTML 8Page - Texas Instruments THS3095DDA Datasheet HTML 9Page - Texas Instruments THS3095DDA Datasheet HTML 10Page - Texas Instruments THS3095DDA Datasheet HTML 11Page - Texas Instruments THS3095DDA Datasheet HTML 12Page - Texas Instruments THS3095DDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
TABLE OF GRAPHS
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
±5-V GRAPHS
FIGURE
Noninverting small-signal frequency response
39
Inverting small-signal frequency response
40
0.1-dB gain flatness frequency response
41
Noninverting large-signal frequency response
42
Inverting large-signal frequency response
43
Settling time
44
2nd Harmonic distortion
vs Frequency
45, 47
3rd Harmonic distortion
vs Frequency
46, 48
Harmonic distortion
vs Output voltage swing
49, 50
Slew rate
vs Output voltage step
51, 52, 53
Quiescent current
vs Frequency
54
Output voltage
vs Load resistance
55
Input bias and offset current
vs Case temperature
56
Overdrive recovery time
57
Rejection ratio
vs Frequency
58
9


Similar Part No. - THS3095DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3095DDA TI1-THS3095DDA Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095DDA TI-THS3095DDA Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3095DDA TI-THS3095DDA Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3095DDAG4 TI1-THS3095DDAG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095DDAR TI1-THS3095DDAR Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3095DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com