Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T124030 Datasheet(PDF) 1 Page - E-SWITCH

Part # T124030
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T124030 Datasheet(HTML) 1 Page - E-SWITCH

  T124030 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP4T5B3VS2QE
2:1
7/6/04
T124030
B
AR
1
1
A
14150
RELEASED FOR PRODUCTION
7/6/04
AR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 AMPS W/RESITIVE LOAD @ 120VAC OR 28VDC
2 AMPS W/RESITIVE LOAD @ 250VAC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
2-3, 5-6
OPEN
2-1, 5-4
2
1
3
CIRCUI: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
11.68
[.460 in]
22.61
[.890 in]
12.70
[.500 in]
11.43
[.450 in]
4.70
[.185 in]
6
5
4
6
1/4-40 UNS-2A
THREADS
3.30
[.130 in]
n
EPOXY
15.75
[.620 in]
4.70
[.185 in] TYP.
9.40
[.370 in]
.76
[.030 in] TYP.
3.18
[.125 in]
8.13
[.320 in]
1.22
[.048 in]
.51
[.020 in]
(ON) = MOMENTARY
7.10
[.280 in]
25
~
POS. 1
POS. 2
POS. 3
4.70
[.185 in]
3.18
[.125 in]
4.83
[.190 in]
15.75
[.620 in]
n1.85
[.073 in]
P.C. MOUNTING
B
14312
CORRECT ACTUATOR HEIGHT
9/15/04
AR
B


Similar Part No. - T124030

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T124031 E-SWITCH-T124031 Datasheet
40Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T124032 E-SWITCH-T124032 Datasheet
223Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T124033 E-SWITCH-T124033 Datasheet
112Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T124034 E-SWITCH-T124034 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T124030

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com