Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3120 Datasheet(PDF) 95 Page - Texas Instruments

Part # TLV320AIC3120
Description  TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3120 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TLV320AIC3120_16 Datasheet HTML 91Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 92Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 93Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 94Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 95Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 96Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 97Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 98Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
95
TLV320AIC3120
www.ti.com
SLAS653B – FEBRUARY 2010 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: TLV320AIC3120
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 7-96. Page 0 / Register 65 (0x41): DAC Volume Control
BIT
READ/
WRITE
RESET
VALUE
DESCRIPTION
D7–D0
R/W
0000 0000
0111 1111–0011 0001: Reserved. Do not write these sequences to these bits.
0011 0000: DAC digital gain = 24 dB
0010 1111: DAC digital gain = 23.5 dB
0010 1110: DAC digital gain = 23 dB
...
0011 0100: DAC digital gain = 18 dB
0010 0011: DAC digital gain = 17.5 dB
0010 0010: DAC digital gain = 17 dB
...
0000 0001: DAC digital gain = 0.5 dB
0000 0000: DAC digital gain = 0 dB
1111 1111: DAC digital gain = –0.5 dB
...
1000 0010: DAC digital gain = –63 dB
1000 0001: DAC digital gain = –63.5 dB
1000 0000: Reserved. Do not use.
Table 7-97. Page 0 / Register 66 (0x42): Reserved
BIT
READ/
WRITE
RESET
VALUE
DESCRIPTION
D7–D0
R/W
0000 0000
Reserved. write only reset values.
(1)
Note that these times are generated using the 1 MHz reference clock which is defined in Page 3 / Register 16.
Table 7-98. Page 0 / Register 67 (0x43): Headset Detection
BIT
READ/
WRITE
RESET
VALUE
DESCRIPTION
D7
R/W
0
0: Headset detection disabled
1: Headset detection enabled
D6–D5
R
XX
00: No headset detected
01: Headset without microphone is detected
10: Reserved
11: Headset with microphone is detected
D4–D2
R/W
000
Debounce Programming for Glitch Rejection During Headset Detection(1)
000: 16 ms (sampled with 2-ms clock)
001: 32 ms (sampled with 4-ms clock)
010: 64 ms (sampled with 8-ms clock)
011: 128 ms (sampled with 16-ms clock)
100: 256 ms (sampled with 32-ms clock)
101: 512 ms (sampled with 64-ms clock)
110: Reserved
111: Reserved
D1–D0
R/W
00
Debounce programming for glitch rejection during headset button-press detection
00: 0 ms
01: 8 ms (sampled with 1-ms clock)
10: 16 ms (sampled with 2-ms clock)
11: 32 ms (sampled with 4-ms clock)
Table 7-99. Page 0 / Register 68 (0x44): DRC Control 1
BIT
READ/
WRITE
RESET
VALUE
DESCRIPTION
D7
R/W
0
Reserved. Write only the reset value to these bits.
D6
R/W
0
0: DRC disabled
1: DRC enabled
D5
R/W
0
Reserved. Write only reset value


Similar Part No. - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com