Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3120 Datasheet(PDF) 62 Page - Texas Instruments

Part # TLV320AIC3120
Description  TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3120 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TLV320AIC3120_16 Datasheet HTML 58Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 59Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 60Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 61Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 62Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 63Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 64Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 65Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 160 page
background image
62
TLV320AIC3120
SLAS653B – FEBRUARY 2010 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TLV320AIC3120
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
7.3.12.12 Analog Outputs
Various analog routings are supported for playback. All the options can be conveniently viewed on the
functional block diagram, .
7.3.12.12.1 Headphone Drivers
The TLV320AIC3120 device features a mono headphone driver (HPOUT) that delivers up to 30 mW per
channel, at 3.3-V supply voltage, into a 16-
Ω load. The headphones are used in a single-ended
configuration where an ac-coupling capacitor (dc-blocking) is connected between the device output pins
and the headphones. The headphone driver also supports 32-
Ω and 10-kΩ loads without changing any
control register settings.
The headphone drivers can be configured to optimize the power consumption in the lineout-drive mode by
writing 11 to page 1 / register 44, bits D2–D1.
The output common mode of the headphone and lineout drivers is programmed to 1.35 V, 1.5 V, 1.65 V,
or 1.8 V by setting page 1 / register 31, bits D4–D3. Set the common-mode voltage to
≤ AVDD / 2.
The headphone driver can be powered on by writing to page 1 / register 31, bit D7. The HPOUT output
driver gain can be controlled by writing to page 1 / register 40, bits D6–D3, and it can be muted by writing
to page 1 / register 40, bit D2.
The TLV320AIC3120 device has a short-circuit protection feature for the headphone drivers, which is
always enabled to provide protection. The output condition of the headphone driver during short circuit is
programmed by writing to page 1 / register 31, bit D1. If D1 = 0 when a short circuit is detected, the device
limits the maximum current to the load. If D1 = 1 when a short circuit is detected, the device powers down
the output driver. The default condition for headphones is the current-limiting mode. In case of a short
circuit on either channel, the output is disabled and a status flag is provided as read-only bits on page 1 /
register 31, bit D0. If shutdown mode is enabled, then as soon as the short circuit is detected, page 1 /
register 31, bit D7 (for HPOUT) clears automatically. Next, the device requires a reset to re-enable the
output stage. Resetting occurs in two ways. First, the device master reset can be used, which requires
either toggling the RESET pin or using the software reset. If master reset is used, it resets all of the
registers. Second, a dedicated headphone power-stage reset can also be used to re-enable the output
stage, and that keeps all of the other device settings. The headphone power stage reset occurs by setting
page 1 / register 31, bit D7 for HPOUT. If the fault condition has been removed, then the device returns to
normal operation. If the fault is still present, then another shutdown occurs. Repeated resetting (more than
three times) is not recommended, as this could lead to overheating.
7.3.12.12.2 Speaker Drivers
The TLV320AIC3120 device has an integrated class-D mono speaker driver (SPKP / SPKM) capable of
driving an 8-Ω or 4-Ω differential load. The speaker driver can be powered directly from the battery supply
(2.7 V to 5.5 V) on the SPKVDD pins; however, the voltage (including spike voltage) must be limited below
the absolute-maximum voltage of 6 V.
The speaker driver is capable of supplying 400 mW per channel with a 3.6-V power supply. Through the
use of digital mixing, the device can connect one or both digital audio playback data channels to either
speaker driver; this also allows digital channel swapping if needed.
The class-D speaker driver can be powered on by writing to page 1 / register 32, bit D7. The class-D
output driver gain can be controlled by writing to page 1 / register 42, bits D4–D3, and it can be muted by
writing to page 1 / register 42, bit D2.
The TLV320AIC3120 device has a short-circuit protection feature for the speaker drivers that is always
enabled to provide protection. If the output is shorted, the output stage shuts down on the overcurrent
condition. (Current limiting is not an available option for the higher-current speaker driver output stage.) In
case of a short circuit on either channel, the output is disabled and a status flag is provided as a read-only
bit on page 1 / register 32, bit D0.


Similar Part No. - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com