Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3120 Datasheet(PDF) 61 Page - Texas Instruments

Part # TLV320AIC3120
Description  TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3120 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TLV320AIC3120_16 Datasheet HTML 57Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 58Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 59Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 60Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 61Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 62Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 63Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 64Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
61
TLV320AIC3120
www.ti.com
SLAS653B – FEBRUARY 2010 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: TLV320AIC3120
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Mute when D7 = 0 and D6–D0 = 127 (0x7F).
Table 7-33. Analog Volume Control for Headphone and Speaker Outputs (for D7 = 1)(1)
REGISTER
VALUE
(D6–D0)
ANALOG
GAIN (dB)
REGISTER
VALUE
(D6–D0)
ANALOG GAIN
(dB)
REGISTER
VALUE
(D6–D0)
ANALOG GAIN
(dB)
REGISTER
VALUE
(D6–D0)
ANALOG GAIN
(dB)
0
0
30
–15
60
–30.1
90
–45.2
1
–0.5
31
–15.5
61
–30.6
91
–45.8
2
–1
32
–16
62
–31.1
92
–46.2
3
–1.5
33
–16.5
63
–31.6
93
–46.7
4
–2
34
–17
64
–32.1
94
–47.4
5
–2.5
35
–17.5
65
–32.6
95
–47.9
6
–3
36
–18.1
66
–33.1
96
–48.2
7
–3.5
37
–18.6
67
–33.6
97
–48.7
8
–4
38
–19.1
68
–34.1
98
–49.3
9
–4.5
39
–19.6
69
–34.6
99
–50
10
–5
40
–20.1
70
–35.2
100
–50.3
11
–5.5
41
–20.6
71
–35.7
101
–51
12
–6
42
–21.1
72
–36.2
102
–51.4
13
–6.5
43
–21.6
73
–36.7
103
–51.8
14
–7
44
–22.1
74
–37.2
104
–52.2
15
–7.5
45
–22.6
75
–37.7
105
–52.7
16
–8
46
–23.1
76
–38.2
106
–53.7
17
–8.5
47
–23.6
77
–38.7
107
–54.2
18
–9
48
–24.1
78
–39.2
108
–55.3
19
–9.5
49
–24.6
79
–39.7
109
–56.7
20
–10
50
–25.1
80
–40.2
110
–58.3
21
–10.5
51
–25.6
81
–40.7
111
–60.2
22
–11
52
–26.1
82
–41.2
112
–62.7
23
–11.5
53
–26.6
83
–41.7
113
–64.3
24
–12
54
–27.1
84
–42.1
114
–66.2
25
–12.5
55
–27.6
85
–42.7
115
–68.7
26
–13
56
–28.1
86
–43.2
116
–72.2
27
–13.5
57
–28.6
87
–43.8
117–127
–78.3
28
–14
58
–29.1
88
–44.3
29
–14.5
59
–29.6
89
–44.8
7.3.12.11.3 Class-D Speaker Analog Output Volume Control
For the speaker outputs, the analog volume control has a range from 0 dB to –78 dB in 0.5-dB steps for
most of the useful range plus mute, as seen in Table 7-33. The implementation includes soft-stepping
logic.
Routing the DAC output signal to the analog volume control is done by writing to page 1 / register 35, bit
D7-D6. Changing the analog volume for the speaker is controlled by writing to page 1 / register 38, bits
D6–D0.
Routing the signal from the output of the analog volume control to the input of the speaker amplifier is
done by writing to page 1 / register 38, bit D7.
The analog volume-control soft-stepping time is based on the setting in page 0 / register 63, bits D1–D0.


Similar Part No. - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com