Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2845ADTRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # UC2845ADTRG4
Description  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2845ADTRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button UC2845ADTRG4 Datasheet HTML 11Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 12Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 13Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 14Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 15Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 16Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 17Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 18Page - Texas Instruments UC2845ADTRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
IN(min)
PS
OUT
V
2
85 V
2
N
10
V
12 V
´
´
£
=
»
OUT
C
I
f
OUT
OUT
C
1.66 mF
V
20%
³
»
´
(
)
BULK(min)
OUT
IN(min)
V
P
1
2 V
IN
2
2
IN(min)
BULK(min)
LINE
2
0.25
arcsin
C
180 µF
2 V
V
f
h
p
´
é
ù
æ
ö
´
´
+ ´
´ ç
÷
ê
ú
è
ø
ë
û
=
»
´
-
´
(
)
BULK(min)
OUT
IN(min)
V
P
1
2 V
INripple
2
2
IN(min)
BULK(min)
LINE
2
0.25
arcsin
V
2 V
V
f
h
p
´
é
ù
æ
ö
´
´
+ ´
´ ç
÷
ê
ú
è
ø
ë
û
=
´
-
´
15
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
www.ti.com
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
PARAMETER
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VIN
Input voltage (RMS)
85
265
V
fLINE
Line frequency
47
63
Hz
OUTPUT CHARACTERISTICS
VOUT
Output voltage
11.75
12
12.25
V
Output ripple voltage
50
mVPP
IOUT
Output current
4
4.33
A
Load step
11.75
12.25
V
SYSTEMS CHARACTERISTICS
η
Maximum load efficiency
86%
9.2.2 Detailed Design Procedure
This application design procedure shows how to setup and use the UC2842A peak current mode controller in an
offline flyback converter, with universal input to a 12-V, 48-W regulated output.
Setting up and designing with the UC2842A peak current mode controller in a continuous mode flyback
application requires knowing some things about the power stage. First, calculate the required input bulk
capacitance (CIN) based on output power level (POUT), efficiency (ƞ), minimum input voltage (VIN(min)), line
frequency (fLINE) and minimum bulk voltage. For this design example let VBULK(min) = 95 V.
(2)
(3)
The output capacitor (COUT) is sized so the output voltage does not droop more than 10% during a large-signal
transient response. The voltage-loop crossover frequency (fC) is estimated to be 2.5 kHz at this point in the
design.
(4)
The COUT selected for the design is a 2200-µF capacitor, with an equivalent series resistance (ESR) of 45 mΩ.
Next calculate the maximum primary to secondary turns ratio (NPS) of the transformer, based on the minimum
input voltage and output voltage.
(5)


Similar Part No. - UC2845ADTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2845ADTRG4 TI1-UC2845ADTRG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC2845ADTRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com