Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28521DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28521DW
Description  ADVANCED PFC/PWM COMBINATION CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28521DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28521DW Datasheet HTML 2Page - Texas Instruments UCC28521DW Datasheet HTML 3Page - Texas Instruments UCC28521DW Datasheet HTML 4Page - Texas Instruments UCC28521DW Datasheet HTML 5Page - Texas Instruments UCC28521DW Datasheet HTML 6Page - Texas Instruments UCC28521DW Datasheet HTML 7Page - Texas Instruments UCC28521DW Datasheet HTML 8Page - Texas Instruments UCC28521DW Datasheet HTML 9Page - Texas Instruments UCC28521DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
UCC28521, UCC28528
SLUS608D − JANUARY 2005 REVISED NOVEMBER 2005
6
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 105°C for the UCC2851x, TA = TJ, VCC = 12 V, RT = 156 kΩ, RCT_BUFF = 10 kΩ
(unless otherwise noted)
zero power
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Zero power comparator threshold
Measured on VAOUT,
falling edge
0.20
0.33
0.50
V
Zero power comparator hysteresis
Measured on VAOUT,
rising edge
40
90
140
mV
PFC gate driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
GT1 pull-up resistance
−100 mA
≤ ∆IOUT ≤ −200 mA
5
12
GT1 pull-down resistance
IOUT = 100 mA
2
10
GT1 output rise time
CLOAD = 1 nF,
RLOAD = 10 Ω
16
25
ns
GT1 output fall time
CLOAD = 1 nF,
RLOAD = 10 Ω
7
15
ns
Maximum duty cycle
93%
95%
100%
Minimum duty cycle (trailing edge)
See Note 1
1%
7%
PWM stage undervoltage lockout (UVLO2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM turn-on reference
UCC28521
6.30
6.75
7.30
PWM turn-off threshold
UCC28521
5.3
V
Hysteresis
UCC28521
1.16
1.45
1.74
V
PWM stage soft-start
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SS2 charge current
VSENSE = 7.5 V,
SS2 = 0 V
–7.0
–10.5
–14.0
µA
SS2 discharge current
UCC28521
VSENSE = 2.5 V,
SS2 = 2.5 V,
(UVLO2 = Low, ENABLE = High)
6
10
14
mA
Input voltage (VERR)
UCC28521
IVERR = 2 mA,UVLO2 = Low
300
mV
PWM stage duty cycle clamp
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Maximum duty cycle
D_MAX = 4.15 V
70%
75%
80%
PWM stage pulse-by-pulse current sense
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current sense comparator offset voltage
ISENSE2 = 0 V,
measured on VERR
1.35
1.50
1.65
V
1. Ensured by design. Not 100% tested in production.


Similar Part No. - UCC28521DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28521DW TI-UCC28521DW Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC28521DWR TI-UCC28521DWR Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
More results

Similar Description - UCC28521DW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com