Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28810 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC28810
Description  LED LIGHTING POWER CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28810 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28810_15 Datasheet HTML 6Page - Texas Instruments UCC28810_15 Datasheet HTML 7Page - Texas Instruments UCC28810_15 Datasheet HTML 8Page - Texas Instruments UCC28810_15 Datasheet HTML 9Page - Texas Instruments UCC28810_15 Datasheet HTML 10Page - Texas Instruments UCC28810_15 Datasheet HTML 11Page - Texas Instruments UCC28810_15 Datasheet HTML 12Page - Texas Instruments UCC28810_15 Datasheet HTML 13Page - Texas Instruments UCC28810_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
14
16
10
20
4
6
2
8
12
18
0
125
-50
50
25
0
100
-25
75
T
J – Junction Temperature – °C
UVLO Hysteresis (UCC28811)
UVLO OFF
UVLO ON (UCC28810)
UVLO Hysteresis (UCC28810)
UVLO ON (UCC28811)
2.54
2.56
2.50
2.44
2.46
2.42
2.48
2.52
2.58
2.40
125
-50
50
25
0
100
-25
75
2.60
T
J – Junction Temperature – °C
1.2
1.4
0.8
1.8
0.4
0.2
0.6
1.0
1.6
0.0
3.0
0
1.5
1.0
0.5
2.5
2.0
V
EAOUT = 3.75 V
V
EAOUT = 3.5 V
V
EAOUT = 3.25 V
V
EAOUT = 3 V
V
EAOUT = 2.75 V
V
INS – Current Reference Generator Input Voltage – V
125
-50
50
25
0
100
-25
75
350
400
250
0
100
150
50
200
300
450
T
J – Junction Temperature – °C
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VVDD=12 V, –40°C ≤ TA = TJ ≤ 105°C
UVLO THRESHOLD VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
ISENSE INPUT VOLTAGE
CURRENT SENSE TO DRIVER DELAY TIME
vs
vs
CURRENT REFERENCE GENERATOR INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811


Similar Part No. - UCC28810_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
More results

Similar Description - UCC28810_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com