Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27200 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC27200
Description  120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27200_16 Datasheet HTML 5Page - Texas Instruments UCC27200_16 Datasheet HTML 6Page - Texas Instruments UCC27200_16 Datasheet HTML 7Page - Texas Instruments UCC27200_16 Datasheet HTML 8Page - Texas Instruments UCC27200_16 Datasheet HTML 9Page - Texas Instruments UCC27200_16 Datasheet HTML 10Page - Texas Instruments UCC27200_16 Datasheet HTML 11Page - Texas Instruments UCC27200_16 Datasheet HTML 12Page - Texas Instruments UCC27200_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
5.8
6.2
6.6
7.0
7.4
7.8
6.0
6.4
6.8
7.2
7.6
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
VDD Rising Threshold
HB Rising Threshold
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
0
0.2
0.4
0.6
0.8
25
50
0.1
0.3
0.5
0.7
VDD UVLO Hysteresis
HB UVLO Hysteresis
-50
-25
0
25
100
125
T
A - Temperature -
oC
0.05
0.15
0.25
0.35
0.45
50
75
150
0.0
0.10
0.20
0.30
0.40
I
LO = IHO = -100 mA
VDD = VHB = 16 V
VDD = VHB = 12 V
VDD = VHB = 8 V
VDD = VHB = 20 V
-50
-25
0
25
100
125
T
A - Temperature -
oC
0.05
0.15
0.25
0.35
0.45
50
75
150
0.0
0.10
0.20
0.30
0.40
I
LO = IHO = 100 mA
VDD = VHB = 16 V
VDD = VHB = 12 V
VDD = VHB = 8 V
VDD = VHB = 20 V
1.0
1.4
1.6
1.8
2.0
1.2
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
Rising
Falling
VDD = 12 V
40
42
44
46
48
50
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
Rising
Falling
VDD = 12 V
9
UCC27200, UCC27201
www.ti.com
SLUS746C – DECEMBER 2006 – REVISED APRIL 2016
Product Folder Links: UCC27200 UCC27201
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 8. UCC27200 Input Threshold vs Temperature
Figure 9. UCC27201 Input Threshold vs Temperature
Figure 10. LO and HO High-Level Output Voltage vs
Temperature
Figure 11. LO and HO Low-Level Output Voltage vs
Temperature
Figure 12. Undervoltage Lockout Threshold vs Temperature
Figure 13. Undervoltage Lockout Threshold Hysteresis vs
Temperature


Similar Part No. - UCC27200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com