Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21520ADW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21520ADW
Description  Isolated Dual-Channel Gate Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21520ADW Datasheet(HTML) 2 Page - Texas Instruments

  UCC21520ADW Datasheet HTML 1Page - Texas Instruments UCC21520ADW Datasheet HTML 2Page - Texas Instruments UCC21520ADW Datasheet HTML 3Page - Texas Instruments UCC21520ADW Datasheet HTML 4Page - Texas Instruments UCC21520ADW Datasheet HTML 5Page - Texas Instruments UCC21520ADW Datasheet HTML 6Page - Texas Instruments UCC21520ADW Datasheet HTML 7Page - Texas Instruments UCC21520ADW Datasheet HTML 8Page - Texas Instruments UCC21520ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
UCC21520
SLUSCJ9A – JUNE 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: UCC21520
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Power Ratings........................................................... 5
6.6
Insulation Specifications............................................ 6
6.7
Safety-Related Certifications..................................... 7
6.8
Safety-Limiting Values .............................................. 7
6.9
Electrical Characteristics........................................... 8
6.10
Switching Characteristics ........................................ 9
6.11
Insulation Characteristics Curves ......................... 10
6.12
Typical Characteristics .......................................... 11
7
Parameter Measurement Information ................ 15
7.1
Propagation Delay and Pulse Width Distortion....... 15
7.2
Rising and Falling Time ......................................... 15
7.3
Input and Disable Response Time.......................... 15
7.4
Programable Dead Time ........................................ 16
7.5
CMTI Testing........................................................... 16
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 22
9
Application and Implementation ........................ 24
9.1
Application Information............................................ 24
9.2
Typical Application .................................................. 24
10
Power Supply Recommendations ..................... 35
11
Layout................................................................... 36
11.1
Layout Guidelines ................................................. 36
11.2
Layout Example .................................................... 37
12
Device and Documentation Support ................. 39
12.1
Documentation Support ....................................... 39
12.2
Certifications ......................................................... 39
12.3
Receiving Notification of Documentation Updates 39
12.4
Community Resources.......................................... 39
12.5
Trademarks ........................................................... 39
12.6
Electrostatic Discharge Caution ............................ 39
12.7
Glossary ................................................................ 39
13
Mechanical, Packaging, and Orderable
Information ........................................................... 39
4 Revision History
DATE
REVISION
NOTES
June 2016
A
Initial Release.


Similar Part No. - UCC21520ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520A-Q1 TI1-UCC21520A-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520AQDWQ1 TI1-UCC21520AQDWQ1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520AQDWRQ1 TI1-UCC21520AQDWRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21520ADW

ManufacturerPart #DatasheetDescription
logo
SHENZHEN BASIC SEMICOND...
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
   Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
   Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
   Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
   Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
   Isolated Gate Driver
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
   Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com