Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2801 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2801
Description  LOW-POWER BIC MOS CURRENT-MODE PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2801 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2801 Datasheet HTML 1Page - Texas Instruments UCC2801 Datasheet HTML 2Page - Texas Instruments UCC2801 Datasheet HTML 3Page - Texas Instruments UCC2801 Datasheet HTML 4Page - Texas Instruments UCC2801 Datasheet HTML 5Page - Texas Instruments UCC2801 Datasheet HTML 6Page - Texas Instruments UCC2801 Datasheet HTML 7Page - Texas Instruments UCC2801 Datasheet HTML 8Page - Texas Instruments UCC2801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
UCC2800/2801/2802/2803/2804/2805Q1
LOW POWER BICMOS CURRENT MODE PWM
SGLS121C − JULY 2002 − REVISED APRIL 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
block diagram
Full Cycle
Soft Start
Logic
Power
REF
8
4
5
6
7
3
1
2
FB
COMP
CS
VCC
OUT
GND
RC
REF
OK
VCC
OK
0.5 V
4 V
SQ
R
SQ
R
1 V
SQ
R
TQ
Oscillator
PWM
Latch
13.5 V
Leading Edge
Blanking
1.5 V
Overcurrent
REF/2
UCCx801
UCCx804
UCCx805
Only
= 4 ms
AVAILABLE OPTIONS{
TA
SOIC-8
SMALL OUTLINE}
(D)
UCC2800QDRQ1§
UCC2801QDRQ1§
−40
_C to 125_C
UCC2802QDRQ1§
−40
_C to 125_C
UCC2803QDRQ1§
UCC2804QDRQ1§
UCC2805QDRQ1§
{ For the most current package and ordering
information,
see
the
Package
Option
Addendum at the end of this document, or see
the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and
symbolization
are
available
at
http://www.ti.com/packaging.
§ The UCC280x−Q1 is only available taped and
reeled in quantities of 2500 devices per reel.
1
2
3
4
8
7
6
5
COMP
FB
CS
RC
REF
VCC
OUT
GND
D PACKAGE
(TOP VIEW)


Similar Part No. - UCC2801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2801 TI-UCC2801 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801 TI-UCC2801 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2801 TI-UCC2801 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801 TI1-UCC2801 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2801 TI1-UCC2801 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
More results

Similar Description - UCC2801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2813-0 TI1-UCC2813-0 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com