Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2800 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2800
Description  LOW-POWER BIC MOS CURRENT-MODE PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2800 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2800 Datasheet HTML 1Page - Texas Instruments UCC2800 Datasheet HTML 2Page - Texas Instruments UCC2800 Datasheet HTML 3Page - Texas Instruments UCC2800 Datasheet HTML 4Page - Texas Instruments UCC2800 Datasheet HTML 5Page - Texas Instruments UCC2800 Datasheet HTML 6Page - Texas Instruments UCC2800 Datasheet HTML 7Page - Texas Instruments UCC2800 Datasheet HTML 8Page - Texas Instruments UCC2800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
UCC2800/2801/2802/2803/2804/2805Q1
LOW POWER BICMOS CURRENT MODE PWM
SGLS121C − JULY 2002 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics TA = −40_C to 125_C, VCC = 10 V (see Note 1), RT = 100 kΩ from REF to
RC, CT = 330 pF from RC to GND, 0.1-F capacitor from VCC to GND, 0.1-F capacitor from VREF to
GND and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout Section
UCC2800
6.6
7.2
7.8
Start threshold
See Note 6
UCC2801
8.6
9.4
10.2
V
Start threshold
See Note 6
UCC2802/04
11.5
12.5
13.5
V
UCC2803/05
3.7
4.1
4.5
UCC2800
6.3
6.9
7.5
Stop threshold
See Note 6
UCC2801
6.8
7.4
8
V
Stop threshold
See Note 6
UCC2802/04
7.6
8.3
9
V
UCC2803/05
3.2
3.6
4
UCC2800
0.12
0.3
0.48
Start to stop hysteresis
UCC2801
1.6
2
2.4
V
Start to stop hysteresis
UCC2802/04
3.5
4.2
5.1
V
UCC2803/05
0.2
0.5
0.8
Soft Start Section
COMP rise time
FB = 1.8 V,
Rise from 0.5 V to REF − 1 V
4
10
ms
Overall Section
Start-up current
VCC < Start Threshold
0.1
0.2
mA
Operating supply current
FB = 0 V,
CS = 0 V
0.5
1
mA
VCC internal zener voltage
ICC = 10 mA,
See Notes 6 and 8
12
13.5
15
V
VCC internal zener voltage minus start
threshold voltage
See Note 6
UCC2802/04
0.5
1.0
V
NOTES:
1. Adjust VCC above the start threshold before setting at 10 V.
2. Oscillator frequency for the UCC2800, UCC2802 and UCC2803 is the output frequency.
Oscillator frequency for the UCC2801, UCC2804 and UCC2805 is twice the output frequency.
3. Gain is defined by:
A =
DVCOMP
DVCS
0
v VCS v 0.8 V.
4. Parameter measured at trip point of latch with pin 2 at 0 V.
5. Total variation includes temperature stability and load regulation.
6. Start threshold, stop threshold, and zener shunt thresholds track one another.
7. Not production tested.
8. The device is fully operating in clamp mode as the forcing current is higher than the normal operating supply current.


Similar Part No. - UCC2800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800 TI-UCC2800 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2800 TI-UCC2800 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800 TI-UCC2800 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2800 TI1-UCC2800 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2800 TI1-UCC2800 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
More results

Similar Description - UCC2800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2813-0 TI1-UCC2813-0 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com