Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2541PWP Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC2541PWP
Description  HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2541PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2541PWP Datasheet HTML 4Page - Texas Instruments UCC2541PWP Datasheet HTML 5Page - Texas Instruments UCC2541PWP Datasheet HTML 6Page - Texas Instruments UCC2541PWP Datasheet HTML 7Page - Texas Instruments UCC2541PWP Datasheet HTML 8Page - Texas Instruments UCC2541PWP Datasheet HTML 9Page - Texas Instruments UCC2541PWP Datasheet HTML 10Page - Texas Instruments UCC2541PWP Datasheet HTML 11Page - Texas Instruments UCC2541PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
UCC2541
SLUS621A − AUGUST 2004 − SEPTEMBER 2005
8
www.ti.com
PIN ASSIGNMENTS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BST
19
I
Floating G1 driver supply pin. VHI is fed by an external Schottky diode during the SR MOSFET on time. Bypass
BST to SW with an external capacitor.
CEA−
8
I
Inverting input of the current error amplifier used for output current regulation.
COMP
9
I
Output of the voltage and current error amplifiers for compensation.
G1
18
O
High-side gate driver output that swings between SW and BST.
G2
14
O
Low-side gate driver output that swings between PGND and VDRV.
G2C
3
I
Timer pin to turn off synchronous rectifier. The capacitor connected to this pin programs the maximum duration
that G2 is allowed to stay HIGH.
G2S
12
I
Used by the predictive deadtime controller for sensing the SR MOSFET gate voltage to set the appropriate dead-
time.
GND
6
Ground for internal circuitry. GND and PGND should be tied together under the device. See layout guidelines for
further details.
PGND
15
Ground return for the G2 driver. Connect PGND to the pc-board ground plane with several vias.
RAMP
5
I
Input pin to connect timing capacitor to GND to generate the oscillator PWM ramp.
REF(1)
2
I/O
3.3-V reference pin. All analog control circuits are powered from this 3.3-V rail. Bypass this pin with at least 0.1
µF of capacitance for REF loads that are 0 mA to −1 mA. Bypass this pin with at least 1 µF of capacitance if it is
used as an input (Mode 3) or if it has large or pulsating loads.
RSET
1
I
Pin to program timer currents for G2C, RAMP, SS charge and SS discharge. This pin generates a current propor-
tional to the value of the external resistor connected from RSET pin to GND. RSET range is 10 k
Ω to 50 kΩ (giv-
ing a programmable nominal ISET range of 30
µA to 150 µA, respectively).
SS
11
I
Soft start and shutdown pin. Connect a capacitor to GND to set the soft-start time. Add switch to GND for imme-
diate shutdown functionality.
SYNCIN
4
I
Input pin for timing signal. Tie to logic high (VREF) when not used.
SW
17
G1 driver return connection.
SWS
20
I
Used by the predictive controller to sense SR body-diode conduction. Connect to SR MOSFET drain close to the
MOSFET package.
TR
10
I
Tracking input to the voltage error amplifier. Connect to REF when not used.
VDD
16
I
Power supply pin to the device and input to the internal VDRV drive regulator. Normal VDD range is from 4.5 V to
36 V. Bypass the pin with at least 1
µF of capacitance.
VDRV
13
I
Output of the drive regulator and power supply pin for the G2 driver. VDRV is also the supply voltage for the in-
ternal logic and control circuitry.
VEA−
7
I
Inverting input of the voltage error amplifier used for output voltage regulation.
(1) REF is an input in Mode 3 only.


Similar Part No. - UCC2541PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541PWP TI-UCC2541PWP Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPG4 TI-UCC2541PWPG4 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPR TI-UCC2541PWPR Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPRG4 TI-UCC2541PWPRG4 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2541PWP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com