Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3715DG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3715DG4
Description  Complementary Switch FET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3715DG4 Datasheet(HTML) 2 Page - Texas Instruments

  UC3715DG4 Datasheet HTML 1Page - Texas Instruments UC3715DG4 Datasheet HTML 2Page - Texas Instruments UC3715DG4 Datasheet HTML 3Page - Texas Instruments UC3715DG4 Datasheet HTML 4Page - Texas Instruments UC3715DG4 Datasheet HTML 5Page - Texas Instruments UC3715DG4 Datasheet HTML 6Page - Texas Instruments UC3715DG4 Datasheet HTML 7Page - Texas Instruments UC3715DG4 Datasheet HTML 8Page - Texas Instruments UC3715DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
UC1714, UC1715, UC2714
UC2715, UC3714, UC3715
SLUS170B – FEBRUARY 1999 – REVISED MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
MIN
MAX
UNIT
Auxiliary Driver IOH
continuous
–100
mA
peak
–500
mA
Auxiliary Driver IOL
continuous
200
mA
peak
1
A
Input Voltage Range (INPUT, ENBL)
–0.3
20
V
Power Driver IOH
continuous
–200
mA
peak
–1
A
Power Driver IOL
continuous
400
mA
peak
2
A
VCC
Supply voltage
20
V
Lead Temperature (Soldering 10 seconds)
300
°C
Operating Junction Temperature(3)
150
°C
Storage Temperature Range
–65
150
°C
(1)
Consult the Packaging Section at the end of this datasheet for thermal limitations and specifications of packages.
(2)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
Unless otherwise indicated, voltages are referenced to ground and currents are positive into, negative out of, the specified terminals.
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, VCC = 15 V, ENBL ≥ 2 V, RT1 = 100 kΩ from T1 to GND, RT2 = 100 kΩ from T2 to GND, and −55°C
< TA < 125°C for the UC1714 and UC1715, –40°C < TA < 85°C for the UC2714 and UC2715, and 0°C < TA < 70°C for the
UC3714 and UC3715, TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overall
VCC
7
20
V
ICC
Nominal
ENBL = 2 V
18
24
mA
Sleep mode
ENBL = 0.8 V
200
300
µA
Power Driver (PWR)
Pre turn-on PWR output, low
VCC = 0 V, IOUT = 10 mA, ENBL at
0.3
1.6
V
0.8 V
VPWR
PWR output low, sat.
INPUT = 0.8 V, IOUT = 40 mA
0.3
0.8
V
INPUT = 0.8 V, IOUT = 400 mA
2.1
2.8
VCC
PWR output high, sat.
INPUT = 2 V, IOUT = −20 mA
2.1
3
V
VPWR
INPUT = 2 V, IOUT = −200 mA
2.3
3
Rise time
CL = 2200 pF
30
60
ns
Fall time
CL = 2200 pF
25
60
ns
T1 Delay, AUX to PWR
INPUT rising edge, RT1 = 10 kΩ
(1)
20
35
80
ns
INPUT rising edge, RT1 = 100 kΩ
(1)
350
500
700
PWR Prop Delay
INPUT falling edge, 50%(2)
35
100
ns
Auxiliary Driver (AUX)
VAUX
AUX output low, sat.
VIN = 2 V, IOUT = 20 mA
0.3
0.8
V
VIN = 2 V, IOUT = 200 mA
1.8
2.6
VCC
AUX output high, sat.
VIN = 0.8 V, IOUT = –10 mA
2.1
3
V
VAUX
VIN = 0.8 V, IOUT = –100 mA
2.3
3
Rise Time
CL = 1000 pF
45
60
ns
(1)
T1 delay is defined from the 50% point of the transition edge of AUX to the 10% of the rising edge of PWR. T2 delay is defined from the
90% of the falling edge of PWR to the 50% point of the transition edge of AUX.
(2)
Propagation delay times are measured from the 50% point of the input signal to the 10% point of the output signal’s transition with no
load on outputs.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UC1714 UC1715 UC2714 UC2715 UC3714 UC3715


Similar Part No. - UC3715DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3715DG4 TI1-UC3715DG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

Similar Description - UC3715DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI-UC1714 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com