Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2837 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2837
Description  8-Pin N-FET Linear Regulator Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2837 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2837 Datasheet HTML 1Page - Texas Instruments UCC2837 Datasheet HTML 2Page - Texas Instruments UCC2837 Datasheet HTML 3Page - Texas Instruments UCC2837 Datasheet HTML 4Page - Texas Instruments UCC2837 Datasheet HTML 5Page - Texas Instruments UCC2837 Datasheet HTML 6Page - Texas Instruments UCC2837 Datasheet HTML 7Page - Texas Instruments UCC2837 Datasheet HTML 8Page - Texas Instruments UCC2837 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
UCC1837
UCC2837
UCC3837
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = –55°C to 125°C for the UCC1837, –25°C to 85°C
for the UCC2837 and 0°C to 70°C for UCC3837; VDD = 5V, CT = 10nF, CCAP = 100nF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FET Driver
Peak Output Current
VCAP = 10V, VOUT = 1V
0.5
1.5
2.5
mA
Average Output Current
VOUT = 1V
25
100
175
µA
Max Output Voltage
VDD = 4.5V, IOUT = 0
µA
8.4
9.7
V
VDD = 4.5V, IOUT = 10
µA, 0°C to 70°C
8
9
V
VDD = 4.5V, IOUT = 10
µA, –55°C to 125°C
7.5
9
V
Charge Pump
CAP Voltage
VDD = 4.5V, C/S = 0V
11
12.5
V
VDD = 12V, C/S = 0V
15
16.5
V
Note 1: This is defined as the voltage on FB which results in a DC voltage of 8V on VOUT.
PIN DESCRIPTIONS
CAP: The output of the charge pump circuit. A capacitor
is connected between this pin and GND to provide a
floating bias voltage for an N-Channel MOSFET gate
drive. A minimum of a 0.01
µF ceramic capacitor is rec-
ommended. CAP can be directly connected to an exter-
nal regulated source such as +12V, in which case the
external voltage will be the source for driving the
N-Channel MOSFET.
COMP: The output of the transconductance error ampli-
fier and current sense amplifier. Used for compensating
the small signal characteristics of the voltage loop (and
current loop when Current Sense Amplifier is active in
over curret mode).
CS: The negative current sense input signal. This pin
should be connected through a low noise path to the low
side of the current sense resistor.
CT: The input to the duty cycle timer circuit. A capacitor
is connected from this pin to GND, setting the maximum
ON time of the over current protection circuits. See the
Application Section for programming instructions.
FB: The inverting terminal of the voltage error amplifier,
used to feedback the output voltage for comparison with
the internal reference voltage. The nominal DC operating
voltage at this pin is 1.5V
GND: Ground reference for the device. For accurate out-
put voltage regulation, GND should be referenced to the
output load ground.
VDD: The system input voltage is connected to this
point. VDD must be above 3V. VDD also acts as one
side of the Current Sense Amplifier and Comparator.
VOUT: This pin directly drives the gate of the external
N-MOSFET pass element. The typical output impedance
of this pin is 6.5k
Ω.
Topology and General Operation
Unitrode Application Note U-152 is a detailed design of a
low
dropout
linear
regulator
using
an
N-channel
MOSFET as a pass element, and should be used as a
guide for understanding the operation of the circuit
shown in Fig. 1.
Charge Pump Operation
The internal charge pump of the UCC3837 is designed to
create a voltage equal to 3 times the input VDD voltage
at the CAP pin. There is an internal 5V clamp at the input
of the charge pump however that insures the voltage at
CAP does not exceed the ratings of the IC. This CAP
voltage is used to provide gate drive current to the exter-
nal pass element as well as bias current to internal sec-
tions of the UCC3837 itself. The charge pump output has
a typical impedance of 80k
Ω and therefore the loading of
the IC and the external gate drive reduces the voltage
from its ideal level. The UCC3837 can operate in several
states including having the error amplifier disabled (shut
down), in normal linear regulation mode, and in overdrive
mode where the linear regulator is responding to a tran-
sient load or line condition. The maximum output voltage
available at VOUT is shown in Fig. 2 for these various
modes of operation.
The charge pump output is designed to supply 10
µAof
average current to the load which is typically the
MOSFET gate capacitance present at the VOUT pin.The
capacitor value used at CAP is chosen to provide holdup
APPLICATION INFORMATION


Similar Part No. - UCC2837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2837 TI-UCC2837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results

Similar Description - UCC2837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com