Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2305 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC2305
Description  HID Lamp Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2305 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2305_14 Datasheet HTML 5Page - Texas Instruments UCC2305_14 Datasheet HTML 6Page - Texas Instruments UCC2305_14 Datasheet HTML 7Page - Texas Instruments UCC2305_14 Datasheet HTML 8Page - Texas Instruments UCC2305_14 Datasheet HTML 9Page - Texas Instruments UCC2305_14 Datasheet HTML 10Page - Texas Instruments UCC2305_14 Datasheet HTML 11Page - Texas Instruments UCC2305_14 Datasheet HTML 12Page - Texas Instruments UCC2305_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UCC2305DW
ACTIVE
SOIC
DW
28
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
UCC2305DW
UCC3305DW
ACTIVE
SOIC
DW
28
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3305DW
UCC3305N
OBSOLETE
PDIP
N
28
TBD
Call TI
Call TI
0 to 70
UCC3305N
UCC3305NG4
OBSOLETE
PDIP
N
28
TBD
Call TI
Call TI
0 to 70
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - UCC2305_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305N TI-UCC2305N Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
UCC2305TDWRQ1 TI1-UCC2305TDWRQ1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
More results

Similar Description - UCC2305_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
   USB HID to Serial Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
   USB HID to SPI Bridge Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com