Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2707N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2707N
Description  DUAL CHANNEL POWER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2707N Datasheet(HTML) 1 Page - Texas Instruments

  UC2707N Datasheet HTML 1Page - Texas Instruments UC2707N Datasheet HTML 2Page - Texas Instruments UC2707N Datasheet HTML 3Page - Texas Instruments UC2707N Datasheet HTML 4Page - Texas Instruments UC2707N Datasheet HTML 5Page - Texas Instruments UC2707N Datasheet HTML 6Page - Texas Instruments UC2707N Datasheet HTML 7Page - Texas Instruments UC2707N Datasheet HTML 8Page - Texas Instruments UC2707N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
DESCRIPTION
UC1707, UC2707, UC3707
www.ti.com ............................................................................................................................................. SLUS177B – MARCH 1999 – REVISED SEPTEMBER 2008
DUAL CHANNEL POWER DRIVER
• Analog Shutdown With Optional Latch
• Two Independent Drivers
• Low Quiescent Current
• 1.5 A Totem Pole Outputs
• 5 V to 40 V Operation
• Inverting and Non-Inverting Inputs
• Thermal Shutdown Protection
• 40 ns Rise and Fall Into 1000 pF
• 16-Pin Dual-In-Line Package
• High-Speed, Power MOSFET Compatible
• 20-Pin PLCC and CLCC Package
• Low Cross-Conduction Current Spike
The UC1707 family of power drivers is made with a high-speed Schottky process to interface between low-level
control functions and high-power switching devices–particularly power MOSFETs. These devices contain two
independent channels, each of which can be activated by either a high or low input logic level signal. Each output
can source or sink up to 1.5 A as long as power dissipation limits are not exceeded.
Although each output can be activated independently with its own inputs, it can be forced low in common through
the action either of a digital high signal at the Shutdown terminal or a differential low-level analog signal. The
Shutdown command from either source can either be latching or not, depending on the status of the Latch
Disable pin.
Supply voltage for both VIN and VC can independently range from 5 V to 40 V.
These devices are available in two-watt plastic "bat-wing" DIP for operation over a 0°C to 70°C temperature
range and, with reduced power, in a hermetically sealed cerdip for –55°C to +125°C operation. Also available in
surface mount DW, Q, L packages.
TRUTH TABLE
(Each Channel)(1)
INV.
N.I.
OUT
H
H
L
L
H
H
H
L
L
L
L
L
(1)
OUT = INV and N.I.
OUT = INV or N.I.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC2707N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2707N TI1-UC2707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707N TI1-UC2707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707NG4 TI1-UC2707NG4 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707NG4 TI1-UC2707NG4 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Similar Description - UC2707N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com