Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM7138-H4 Datasheet(PDF) 1 Page - Rohm

Part # RPM7138-H4
Description  IR Receiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM7138-H4 Datasheet(HTML) 1 Page - Rohm

  RPM7138-H4 Datasheet HTML 1Page - Rohm RPM7138-H4 Datasheet HTML 2Page - Rohm RPM7138-H4 Datasheet HTML 3Page - Rohm RPM7138-H4 Datasheet HTML 4Page - Rohm RPM7138-H4 Datasheet HTML 5Page - Rohm RPM7138-H4 Datasheet HTML 6Page - Rohm RPM7138-H4 Datasheet HTML 7Page - Rohm RPM7138-H4 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RPM7100 series
Photo Link Module
1/7
IR Receiver Module
RPM7100 series
RPM7100 series are remote control receiver modules. Small-sized, light-weight, and low current consumption modules
have been achieved by using resin mold.
!
!
!
!
Applications
All household electric appliances such as TV, DVD, air conditioner and audio equipment.
!
!
!
!
Features
1) Low current consumption. (0.95mA Typ.)
2) High ripple rejection.
3) 5 types of holders available for each set.
!
!
!
!
RPM7100 series
Height to lens
15.9mm
7.2mm
12.0mm
Sub carrier
frequency
with holders
Straight type
RSIP-A3
L forming
RSIP-A3 V4
Horizontal board
RSIP-A3 (H13)
Vertical board
RSIP-A3 (H4)
Vertical board
RSIP-A3 (H8)
Vertical board
RSIP-A3 (H9)
Horizontal board
RSIP-A3 (H5)
36.0kHz
RPM7136
RPM7136-V4
RPM7137-V4
RPM7138-V4
RPM7140-V4
RPM7136-H13
RPM7137-H13
RPM7138-H13
RPM7140-H13
RPM7136-H4
RPM7137-H4
RPM7138-H4
RPM7140-H4
RPM7136-H8
RPM7137-H8
RPM7138-H8
RPM7140-H8
RPM7136-H9
RPM7137-H9
RPM7138-H9
RPM7140-H9
RPM7136-H5
RPM7137-H5
RPM7138-H5
RPM7140-H5
RPM7137
RPM7138
RPM7140
36.7kHz
37.9kHz
40.0kHz
Under development
5.5mm
4.8mm
15.0mm
9.6mm
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
6.3
−10 to +75
−30 to +100
V
mA
2.0
Operating temperature
Storage temperature
Output Current
Topr
Tstg
Io
˚C
˚C
!
!
!
!
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
5.0
V
4.5
5.5


Similar Part No. - RPM7138-H4

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7138-H4 ROHM-RPM7138-H4 Datasheet
198Kb / 8P
   IR Receiver Module
RPM7138-H4R ROHM-RPM7138-H4R Datasheet
120Kb / 8P
   IR Receiver Module
More results

Similar Description - RPM7138-H4

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7138 ROHM-RPM7138 Datasheet
198Kb / 8P
   IR Receiver Module
RPM7236 ROHM-RPM7236 Datasheet
140Kb / 7P
   IR Receiver Module
RPM7157-R ROHM-RPM7157-R Datasheet
156Kb / 8P
   IR Receiver Module
RPM6900 ROHM-RPM6900_08 Datasheet
108Kb / 8P
   IR Receiver Module
RPM7200 ROHM-RPM7200 Datasheet
166Kb / 7P
   IR Receiver Module
RPM7236-R ROHM-RPM7236-R Datasheet
120Kb / 7P
   IR Receiver Module
RPM7138-R ROHM-RPM7138-R Datasheet
120Kb / 8P
   IR Receiver Module
RPM7137 ROHM-RPM7137 Datasheet
213Kb / 8P
   IR Receiver Module
RPM7140-R ROHM-RPM7140-R Datasheet
118Kb / 8P
   IR Receiver Module
RPM7237 ROHM-RPM7237 Datasheet
223Kb / 7P
   IR Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com