Electronic Components Datasheet Search |
|
ST16C450CJ44 Datasheet(PDF) 4 Page - Exar Corporation |
|
ST16C450CJ44 Datasheet(HTML) 4 Page - Exar Corporation |
4 / 28 page ST16C450 4 Rev. 4.20 Symbol Pin Signal Pin Description 40 44 48 type A0 28 31 28 I Address-0 Select Bit Internal registers address selection. A1 27 30 27 I Address-1 Select Bit Internal registers address selection. A2 26 29 26 I Address-2 Select Bit Internal registers address selection. IOR 22 25 20 I Read data strobe. Its function is the same as -IOR (see - IOR), except it is active high. Either an active -IOR or IOR is required to transfer data from 16C450 to CPU during a read operation. CS0 12 14 9 I Chip Select-0. Logical 1 on this pin provides the chip select- 0 function. CS1 13 15 10 I Chip Select-1. Logical 1 on this pin provides the chip select- 1 function. -CS2 14 16 11 I Chip Select -2. Logical 0 on this pin provides the chip select- 2 function. IOW 19 21 17 I Write data strobe. Its function is the same as -IOW (see - IOW), but it acts as an active high input signal. Either -IOW or IOW is required to transfer data from the CPU to ST16C450 during a write operation. -AS 25 28 24 I Address Strobe. A logic 0 transition on -AS latches the state of the chip selects and the register select bits, A0-A2. This input is used when address and chip selects are not stable for the duration of a read or write operation, i.e., a micropro- cessor that needs to de-multiplex the address and data bits. If not required, the -AS input can be permanently tied to a logic 0 (it is edge triggered). D0-D7 1-8 2-9 43-47 2-4 I/O Data Bus (Bi-directional) - These pins are the eight bit, tri- state data bus for transferring information to or from the controlling CPU. D0 is the least significant bit and the first data bit in a transmit or receive serial data stream. GND 20 22 18 Pwr Signal and Power Ground. SYMBOL DESCRIPTION |
Similar Part No. - ST16C450CJ44 |
|
Similar Description - ST16C450CJ44 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |