Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYW98-100 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part No. BYW98-100
Description  SUPER FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNMATE [SUNMATE electronic Co., LTD]
Homepage  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYW98-100 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BYW98-100 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYW98-100 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Unit
BYW98-50 - BYW98-200
SUPER FAST RECOVERY RECTIFIER DIODES
Features
High current capability
High surge current capability
High reliability
Low reverse current
Low forward voltage drop
Super fast recovery time
CURRENT: 3.0 A
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
Volts
Maximum Average Forward Current
IF(AV)
3.0
Amps.
Maximum Peak Forward Surge Current
IFSM
70
Amps.
Maximum Forward Voltage at IF = 3 Amps. ; TJ = 100
°C
VF
0.85
Volt
Maximum Reverse Current at VRRM , TJ = 100
°C
IR
1.0
mA
Maximum Reverse Recovery Time , TJ = 25
°C (1)
Trr
ns
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
NOTE : (1) Reverse Recovery Test Conditons : IF = 0.5A , IR = 1A , Irr = 0.25A
35
Characteristic
Symbol
BYW98-100 BYW98-150 BYW 98-200
!
!
!
!
!
!
www.sunmate.tw
VOLTAGE RANGE: 50-200V
BYW98-50
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Case: DO-201AD, Molded Plastic
Mechanical Data
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn