Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36C279N Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C279N
Description  Low Power EIA-RS-485 Transceiver with Sleep Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C279N Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS36C279N Datasheet HTML 2Page - National Semiconductor (TI) DS36C279N Datasheet HTML 3Page - National Semiconductor (TI) DS36C279N Datasheet HTML 4Page - National Semiconductor (TI) DS36C279N Datasheet HTML 5Page - National Semiconductor (TI) DS36C279N Datasheet HTML 6Page - National Semiconductor (TI) DS36C279N Datasheet HTML 7Page - National Semiconductor (TI) DS36C279N Datasheet HTML 8Page - National Semiconductor (TI) DS36C279N Datasheet HTML 9Page - National Semiconductor (TI) DS36C279N Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DE-
VICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL SEMI-
CONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or sys-
tems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose fail-
ure to perform when properly used in accordance
with instructions for use provided in the labeling, can
be reasonably expected to result in a significant injury
to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
www.national.com
National Semiconductor
Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80-530 85 85
English
Tel: +49 (0) 1 80-532 78 32
Français Tel: +49 (0) 1 80-532 93 58
Italiano
Tel: +49 (0) 1 80-534 16 80
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: sea.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - DS36C279N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C279 NSC-DS36C279 Datasheet
567Kb / 10P
   Low Power EIA-RAS-485 Transceiver with Sleep Mode
logo
Texas Instruments
DS36C279 TI1-DS36C279 Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
DS36C279M/NOPB TI1-DS36C279M/NOPB Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
DS36C279MX/NOPB TI1-DS36C279MX/NOPB Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
logo
National Semiconductor ...
DS36C279TM NSC-DS36C279TM Datasheet
567Kb / 10P
   Low Power EIA-RAS-485 Transceiver with Sleep Mode
More results

Similar Description - DS36C279N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS36C279 TI1-DS36C279_14 Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
logo
National Semiconductor ...
DS36C279 NSC-DS36C279_00 Datasheet
567Kb / 10P
   Low Power EIA-RAS-485 Transceiver with Sleep Mode
DS481 NSC-DS481 Datasheet
156Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Texas Instruments
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com