Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS1A0 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SMS1A0
Description  SURFACE MOUNT SCHOTTKY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SMS1A0 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SMS1A0 Datasheet HTML 1Page - Diode Semiconductor Korea SMS1A0 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.01
0
0.1
1.0
10
100
80
60
40
20
100
TJ=25
TJ=100
0
10
30
1
1 0
100
15
5
8.3msSingleHalf
Sine-Wave
50
25
20
5
40
. 2
. 3
.4
.5
.6
.7
.8
.9
0.01
1.0
10
SMS120
SMS160
SMS190
0
.2
.4
.6
.8
0
25
50
75
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
1.0
100
125
150
175
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
LEAD TEMPERATURE ℃
SMS120---SMS1A0
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
-SMS1A0
-SMS140
0.1
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SMS1A0

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMS1A0 BILIN-SMS1A0 Datasheet
213Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SMS1A0 LUGUANG-SMS1A0 Datasheet
216Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SMS1A0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
   Surface Mount Schottky
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
   Surface Mount Schottky
logo
Diode Semiconductor Kor...
SS22A DSK-SS22A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK12B DSK-SK12B Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Microdiode Electronics ...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Taiwan Semiconductor Co...
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
   Surface Mount Schottky
TSS0340L TSC-TSS0340L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com