Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5817 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SM5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SM5817 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SM5817 Datasheet HTML 1Page - Diode Semiconductor Korea SM5817 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC DO--213AB,molded plastic
Terminals: Solderable per
MIL- STD-202,method 208
Polarity: Color band denotes cathode
Weight: 0.0046 ounces,0.116 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@T
A=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
SM5817---SM5819
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE: 20 --- 40 V
CURRENT: 1.0 A
DO-213AB
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SM5817
3.Thermal resistance junction to ambient,vertical PC board mounting,0.5"(12.7mm)lead length.
mA
IR
IFSM
NOTE: 1. Pulse test : 300
s pulse width,1% duty cy cle.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4. 0V DC.
A
80
- 55 ---- + 150
- 55 ---- + 150
110
1.0
10.0
1.0
40
Maximum instantaneous forw ard voltage @ 1.0A
z (Note 1)
@ 3.0A
VF
14
20
V
SM5818
SM5819
40
28
30
21
30
25
20
0.90
0.60
0.45
0.75
0.55
0.875
SURFACE MOUNT
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SM5817

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
Goodwork Semiconductor ...
SM5817 GWSEMI-SM5817 Datasheet
56Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5817 UNIOHM-SM5817 Datasheet
62Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SM5817 SUNMATE-SM5817 Datasheet
258Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
logo
Bytes
SM5817 BYTES-SM5817 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM5817

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com