Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA2519-ALB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # FA2519-ALB
Description  PoE Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

FA2519-ALB Datasheet(HTML) 1 Page - Coilcraft lnc.

  FA2519-ALB Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
PoE Transformer
Document 549
Document 549 Revised 09/12/11
For National Semiconductor
LM5071 & LM5072 PD Controllers
1. When ordering, please specify a
packaging code:
FA2519-ALD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (175 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance is for the primary, measured at 250 kHz, 0.7 Vrms, 0 Adc.
3.
Ipk is the peak current drawn at minimum input voltage.
The FA2519-AL surface mount flyback transformer was
developed specifically for National Semiconductor LM5071
and LM5072 Powered Devices Controllers in 13 Watt
Power over Ethernet (PoE) applications.
It is designed to operate at 250 kHz with a PoE input volt-
age of 36– 72 Volts. It can also accept a 12 V input from
auxiliary sources. Output with the secondary windings
connected in parallel, is 3.3V, 3.3A. Output of the auxiliary
winding is 10V, 20mA.
Coilcraft can also design custom transformers with volt-
age, inductance and DCR values to meet your specific
requirements.
For free evaluation samples, contact Coilcraft or order
them on-line at
www.coilcraft.com.
6
5
Aux
Pri
Sec
12
9
8
7
10
11
1
3
4
2
4. DCR for the primary and for the secondary is with the windings con-
nected in parallel.
5. Leakage inductance measured on the primary windings with all second-
ary pins shorted.
6. Turns ratio is with the primary windings and the secondary windings
connected in parallel.
7. Isolation is from primary and auxiliary windings to secondary windings
for one minute.
8. Operating temperature range –40°C to +125°C.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Weight 13.5 g
Terminations Tin-silver over tin over nickel over phos bronze
Packaging 175 per 13
″ reel Plastic tape: 44 mm wide,
0.4 mm thick, 28 mm pocket spacing, 11.9 mm pocket depth
Part
L at 0 A2
L at Ipk3
DCR max (Ohms)4
Leakage L5
Turns ratio6
Ipk3
Isolation7
number1
±10% (µH)
±10% (µH)
pri
aux
sec
(µH)
pri : sec pri : aux
(A)
(Vrms)
FA2519-AL_
55
40.2
0.026 0.388 0.0026
0.62
1
: 0.20
1
: 0.60
2.4
1500
Primary windings and secondary
windings to be connected in parallel
on PC board.
Dimensions are in
inches
mm


Similar Part No. - FA2519-ALB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FA2519-AL COILCRAFT-FA2519-AL Datasheet
125Kb / 1P
   PoE Transformer
More results

Similar Description - FA2519-ALB

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2536A-EP10S XFMRS-XF2536A-EP10S Datasheet
47Kb / 1P
   POE TRANSFORMER
XF2536-EP10S XFMRS-XF2536-EP10S Datasheet
43Kb / 1P
   POE TRANSFORMER
logo
Coilcraft lnc.
B0863-BL COILCRAFT-B0863-BL Datasheet
211Kb / 2P
   PoE Transformer
logo
XFMRS Inc.
XF0356-EP13S XFMRS-XF0356-EP13S Datasheet
48Kb / 1P
   POE TRANSFORMER
XF1276E-EP13S XFMRS-XF1276E-EP13S Datasheet
46Kb / 1P
   POE Transformer
XF0356-EP13S XFMRS-XF0356-EP13S_15 Datasheet
48Kb / 1P
   POE TRANSFORMER
XF0406A-EFD15S XFMRS-XF0406A-EFD15S_15 Datasheet
82Kb / 1P
   POE TRANSFORMER
XF1556-EP10S XFMRS-XF1556-EP10S_15 Datasheet
54Kb / 1P
   POE TRANSFORMER
XF2536-EP10S XFMRS-XF2536-EP10S Datasheet
43Kb / 1P
   POE TRANSFORMER
XF1556A-EP10S XFMRS-XF1556A-EP10S_15 Datasheet
78Kb / 1P
   POE TRANSFORMER
XF2536-EP10S XFMRS-XF2536-EP10S_15 Datasheet
43Kb / 1P
   POE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com