Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPZ4414-185MR Datasheet(PDF) 9 Page - Coilcraft lnc.

Part # LPZ4414-185MR
Description  Shielded Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPZ4414-185MR Datasheet(HTML) 9 Page - Coilcraft lnc.

Back Button LPZ4414-185MR Datasheet HTML 2Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 3Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 4Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 5Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 6Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 7Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 8Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 9Page - Coilcraft lnc. LPZ4414-185MR Datasheet HTML 10Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document 1244-9
Document 1244-9 Revised 01/05/15
Shielded Power Inductor–LPZ5010
Typical L vs Current
Typical L vs Frequency
Current Derating
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Weight 70 – 75 mg
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.02 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
Dimensions are in
inches
mm


Similar Part No. - LPZ4414-185MR

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LPZ455JL EUROQUARTZ-LPZ455JL Datasheet
53Kb / 1P
   CERAMIC FILTERS
logo
ECS, Inc.
LPZ455JL ECS-LPZ455JL Datasheet
238Kb / 2P
   CERAMIC FILTER
More results

Similar Description - LPZ4414-185MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com