Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFC0807B-394KE Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # RFC0807B-394KE
Description  Power Inductors ??RFC0807 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFC0807B-394KE Datasheet(HTML) 1 Page - Coilcraft lnc.

  RFC0807B-394KE Datasheet HTML 1Page - Coilcraft lnc. RFC0807B-394KE Datasheet HTML 2Page - Coilcraft lnc. RFC0807B-394KE Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document 1118-1
Document 1118-1 Revised 01/13/14
Power Inductors – RFC0807 Series
Core material Ferrite
Terminations RoHS compliant tin-silver over tin over copper over
steel. Other terminations available at additional cost
Environmental RoHS compliant, halogen free
Weight 1.30 – 1.50 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tray or tape packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SRA-332
Packaging 150 parts per tray (except parts with 25 mm lead length);
Parts with 25 mm lead length: in fanfold tape, 800 parts per box
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Low cost, high current power inductors
• 39 inductance values; 12 µH to 18 mH
0.197 ±0.02
5,0 ±0,5
XXX
Dash number
0.346
8,8 dia max
max
0.295
7,5
dia
0.024 ±0.004
0,60 ±0,10
Lead length
(see table)
Code
Lead length
A
3.6 mm ±0.3 mm
B
5.0 mm ±0.5 mm
C
7.0 mm ±0.5 mm
D
8.0 mm ±0.5 mm
E
10 mm ±1.0 mm
F
25 mm ±1.0 mm
Dimensions are in
inches
mm


Similar Part No. - RFC0807B-394KE

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFC0810B-104KE COILCRAFT-RFC0810B-104KE Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0810B-105KE COILCRAFT-RFC0810B-105KE Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0810B-106KE COILCRAFT-RFC0810B-106KE Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0810B-124KE COILCRAFT-RFC0810B-124KE Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0810B-125KE COILCRAFT-RFC0810B-125KE Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
More results

Similar Description - RFC0807B-394KE

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DC1012 COILCRAFT-DC1012_13 Datasheet
193Kb / 2P
   Power Inductors ??DC1012 Series
RFC1010 COILCRAFT-RFC1010_15 Datasheet
477Kb / 3P
   Power Inductors ??RFC1010 Series
DR0608 COILCRAFT-DR0608_13 Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
logo
List of Unclassifed Man...
RCH875 ETC1-RCH875 Datasheet
21Kb / 1P
   RCH Series Power Inductors
logo
Coilcraft lnc.
XPL2010-103MLB COILCRAFT-XPL2010-103MLB Datasheet
169Kb / 2P
   Power Inductors . XPL2010 Series
DR0810 COILCRAFT-DR0810_13 Datasheet
255Kb / 2P
   Power Inductors ??DR0810 Series
RFC0810 COILCRAFT-RFC0810_15 Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
logo
Bourns Electronic Solut...
SDR6603-221M BOURNS-SDR6603-221M Datasheet
344Kb / 2P
   SDR6603 Series - SMD Power Inductors
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
   SRP1270 Series - Shielded Power Inductors
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com