Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFS1412-224KE Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # RFS1412-224KE
Description  Shielded Power Inductors ??RFS1412
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFS1412-224KE Datasheet(HTML) 1 Page - Coilcraft lnc.

  RFS1412-224KE Datasheet HTML 1Page - Coilcraft lnc. RFS1412-224KE Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 1003-1
Document 1003-1 Revised 03/10/14
Shielded Power Inductors – RFS1412
Core material Ferrite
Terminations Tin-silver (96.5/3.5) over tin over copper over steel.
Other terminations available at additional cost.
Weight 6.0 – 7.0 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +85°C.
Tray packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 125 parts per tray
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
• Low cost, high current power inductors
• 10 µH to 10 mH inductance range; most at 10% tolerance
Inductance2
DCR (Ohms)
SRF typ3
Isat (A)4
Irms (A)5
Part number1
(µH)
typ
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
RFS1412-103ME
10 ±20%
0.016
0.018
36
6.2
7.4
8.1
5.80
7.90
RFS1412-153LE
15 ±15%
0.019
0.022
21
5.0
6.1
6.8
5.05
6.90
RFS1412-223KE
22 ±10%
0.029
0.032
13
4.4
5.2
5.7
4.05
5.60
RFS1412-333KE
33 ±10%
0.043
0.047
8.7
3.4
4.1
4.6
3.25
4.50
RFS1412-393KE
39 ±10%
0.060
0.066
7.7
3.1
3.9
4.3
2.85
3.90
RFS1412-473KE
47 ±10%
0.066
0.072
6.7
3.0
3.5
3.9
2.65
3.65
RFS1412-104KE
100 ±10%
0.083
0.091
5.1
2.0
2.4
2.6
2.35
3.25
RFS1412-224KE
220 ±10%
0.190
0.200
3.3
1.3
1.6
1.8
1.55
2.35
RFS1412-564KE
560 ±10%
0.484
0.508
1.8
0.82
1.0
1.1
0.92
1.28
RFS1412-105KE
1000 ±10%
1.01
1.06
1.3
0.63
0.76
0.84
0.64
0.86
RFS1412-106KE
10000 ±10%
9.58
9.87
0.36
0.20
0.25
0.27
0.20
0.28
1. When ordering, please specify
termination code:
RFS1412-105KE
Termination: E = Tin-silver over tin over copper over steel.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. SRF measured using Agilent/HP 4191A or equilvalent.
4. DC current that causes the specified inductance drop from its value without current..
5. Current that causes the specified temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.


Similar Part No. - RFS1412-224KE

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFS1412-224KE COILCRAFT-RFS1412-224KE Datasheet
212Kb / 2P
   Shielded Power Inductors
More results

Similar Description - RFS1412-224KE

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com