Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC19431J Datasheet(PDF) 1 Page - Texas Instruments

Part # UC19431J
Description  Precision Adjustable Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC19431J Datasheet(HTML) 1 Page - Texas Instruments

  UC19431J Datasheet HTML 1Page - Texas Instruments UC19431J Datasheet HTML 2Page - Texas Instruments UC19431J Datasheet HTML 3Page - Texas Instruments UC19431J Datasheet HTML 4Page - Texas Instruments UC19431J Datasheet HTML 5Page - Texas Instruments UC19431J Datasheet HTML 6Page - Texas Instruments UC19431J Datasheet HTML 7Page - Texas Instruments UC19431J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC19431
UC29431
UC39431
UC39431B
DESCRIPTION
The UC39431 is an adjustable shunt voltage regulator with 100mA sink ca-
pability.
The
architecture,
comprised
of
an
error
amplifier
and
transconductance amplifier, gives the user separate control of the small
signal error voltage frequency response along with a fixed linear
transconductance. A minimum 3MHz gain bandwidth product for both the
error and transconductance amplifiers assures fast response. In addition to
external programming, the IC has three internal resistors that can be con-
nected in six different configurations to provide regulated voltages of 2.82V,
3.12V, 5.1V, 7.8V, 10.42V, and 12.24V. A sister device (UC39432) provides
access to the non-inverting error ampilifer input and reference, while elimi-
nating the three internal resistors.
Precision Adjustable Shunt Regulator
FEATURES
• Multiple On-Chip Programmable
Reference Voltages
• 0.4% Initial Accuracy
• 0.7% Overall Reference Tolerance
• 2.2V to 36.0V Operating Supply
Voltage and User Programmable
Reference
• 36.0V Operating Supply Voltage
• Reference Accuracy Maintained For
Entire Range of Supply Voltage
• Superior Accuracy and Easier
Compensation for Optoisolator
Application
• Improved Architecture Provides a
Known Linear Transconductance with
a +5% Typical Tolerance
04/99
BLOCK DIAGRAM
UDG-95087


Similar Part No. - UC19431J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC19431 TI-UC19431 Datasheet
137Kb / 7P
[Old version datasheet]   Precision Adjustable Shunt Regulator
More results

Similar Description - UC19431J

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com