Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2HVBRQABCRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2HVBRQABCRQ1
Description  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2HVBRQABCRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TDA2HVBRQABCRQ1 Datasheet HTML 6Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 7Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 8Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 9Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 10Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 11Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 12Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 13Page - Texas Instruments TDA2HVBRQABCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 426 page
background image
10
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-1. Unused Balls Specific Connection Requirements (continued)
Balls
Connection Requirements
AF14 / D21 / E20 / E23 / C20 / C21 / V28 / F18
These balls must be connect to the corresponding power supply
through an external pull resistor if unused
AB17
These balls must be connected to F22 (porz) if unused
NOTE
All other unused signal balls with a Pad Configuration Register can be left unconnected with
their internal pullup or pulldown resistor enabled.
NOTE
All other unused signal balls without Pad Configuration Register can be left unconnected.
4.2
Ball Characteristics
Table 4-2 describes the terminal characteristics and the signals multiplexed on each ball. The following list
describes the table column headers:
1. BALL NUMBER: Ball number(s) on the bottom side associated with each signal on the bottom.
2. BALL NAME: Mechanical name from package device (name is taken from muxmode 0).
3. SIGNAL NAME: Names of signals multiplexed on each ball (also notice that the name of the ball is the
signal name in muxmode 0).
NOTE
Table 4-2 does not take into account the subsystem multiplexing signals. Subsystem
multiplexing signals are described in Section 4.4, Signal Descriptions.
NOTE
In the Driver off mode, the buffer is configured in high-impedance.
4. Hxx/LFx: This column shows if the functionality is applicable for TDA2Hxx / TDA2LFx devices. Note
that the ball characteristics table presents the functionality of TDA2Sxx device.
Hxx - TDA2HGx; TDA2HVx;
LFx - TDA2LFx
5. MUXMODE: Multiplexing mode number:
(a) MUXMODE 0 is the primary mode; this means that when MUXMODE=0, the function mapped on
the pin corresponds to the name of the pin. The primary muxmode is not necessarily the default
muxmode.
NOTE
The default muxmode is the mode at the release of the reset; also see the RESET REL.
MUXMODE column.
(b) MUXMODE 1 through 15 are possible muxmodes for alternate functions. On each pin, some
muxmodes are effectively used for alternate functions, while some muxmodes are not used. Only
MUXMODE values which correspond to defined functions should be used.
6. TYPE: Signal type and direction:
I = Input
O = Output
IO = Input or Output


Similar Part No. - TDA2HVBRQABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2HVBRQABCRQ1 TI1-TDA2HVBRQABCRQ1 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results

Similar Description - TDA2HVBRQABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com