Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3177 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC3177
Description  Full Bridge Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3177 Datasheet(HTML) 3 Page - Texas Instruments

  UC3177 Datasheet HTML 1Page - Texas Instruments UC3177 Datasheet HTML 2Page - Texas Instruments UC3177 Datasheet HTML 3Page - Texas Instruments UC3177 Datasheet HTML 4Page - Texas Instruments UC3177 Datasheet HTML 5Page - Texas Instruments UC3177 Datasheet HTML 6Page - Texas Instruments UC3177 Datasheet HTML 7Page - Texas Instruments UC3177 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UC3176
UC3177
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX. UNITS
Current Sense Amplifier
Input Offset Voltage
VCM = 0V, A+ / REF at 6V
3
mV
REF = 2V to 20V, +VIN = 35, change with REF
Input voltage
600
µV/V
Thermal Gradient Sensitivity
+VIN = 20V, REF = 10V Pd = 20W@AorB
Output
5.0
75.0
µV/W
PSRR
REF = 2.5V, +VIN = 5 to 35V
70
100
dB
Gain
/AISINK-BISINK / ≤ 0.5V
7.8
8.0
8.1
V/V
Slew Rate
2V/
µS
3dB Bandwidth
1
MHz
MAX Output Current
ISOURCE =+VIN -VOUT = 0.5V
2.5
3.5
mA
Output Saturation Voltage
ISOURCE = 1.5mA, High Side
0.15
0.30
V
ISINK = 5mA, Low Side
1.4
1.85
V
Under-Voltage Comparator
Threshold Voltage
Low to High, other input at 5V
1.44
1.50
1.56
V
Threshold Hysteresis
50
70
80
mV
Input Current
Input = 2V, other input at 5V
–2.00
–.05
µA
Supply OK VSAT (UC3177 Only)
IOUT = 5mA
0.45
V
Supply OK Leakage (UC3177 Only)
VOUT = 35V
5
µA
Park/Inhibit
Park/Inhibit Thl’d
1.1
1.3
1.7
V
Park/Inhibit Input Current
At threshold
60
100
µA
Parking Drive Saturation Voltage
IOUT = 100mA
0.3
0.7
V
Parking Drive Leakage
VOUT = 35V
15
µA
Thermal Shutdown
Shutdown Temperature
165
°C
ELECTRICAL CHARACTERISTICS:Unless otherwise stated, specifications hold for TA = 0 to 70°C, +VIN = 12V, TA =TJ.
Output saturation voltage vs. current.
Maximum source current vs. + VIN
VOUT.
Crossover current error
characteristic.


Similar Part No. - UC3177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3177 TI-UC3177 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
More results

Similar Description - UC3177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com