Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3578DP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3578DP
Description  Buck Pulse Width Modulator Stepdown Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3578DP Datasheet(HTML) 2 Page - Texas Instruments

  UC3578DP Datasheet HTML 1Page - Texas Instruments UC3578DP Datasheet HTML 2Page - Texas Instruments UC3578DP Datasheet HTML 3Page - Texas Instruments UC3578DP Datasheet HTML 4Page - Texas Instruments UC3578DP Datasheet HTML 5Page - Texas Instruments UC3578DP Datasheet HTML 6Page - Texas Instruments UC3578DP Datasheet HTML 7Page - Texas Instruments UC3578DP Datasheet HTML 8Page - Texas Instruments UC3578DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UC2578
UC3578
ELECTRICAL CHARACTERISTICS: Unless otherwise specified VCC = 14V, VGG = 14V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section
Frequency
VCC = 14V to 72V, EAINV = 1.9V, TJ = 25°C
100
110
120
kHz
VCC = 11V to 14V, Over Temperature
90
120
kHz
Error Amplifier Section
EAINV
EAOUT = EAINV
1.97
2
2.03
V
IEAINV
EAOUT = EAINV
100
300
nA
EAVOL
EAOUT/EAINV, 25°C
70
80
dB
EAOUT High
EAINV
≤ 1.9V, IEAOUT = –100µA
5.5
6.2
V
EAOUT Low
EAINV
≥ 2.1V, IEAOUT = 100µA
0.8
1.1
V
Unity Gain Bandwidth
TJ = 25°C, F = 100kHz
0.85
1
MHz
PSRR, EAOUT
EAOUT = EAINV, VCC = 14V
80
90
dB
Current Sense Comparator Section
Threshold (Referred to VCC)
0.4
0.5
0.6
V
Input Bias Current
CS = VCC – 0.4V
0.2
1
µA
Propagation Delay
VOVERDRIVE = 250mV
0.7
1.2
µs
Blanking Time
VOVERDRIVE = 250mV
75
200
300
ns
Gate Drive Output Section
VOH
IOUT = –200mA
9.5
11
V
VOL
IOUT = 20mA
0.2
0.36
V
IOUT = 200mA
1.5
2
V
Rise Time
TJ = 25°C, CLOAD = 1nF
40
70
ns
Fall Time
TJ = 25°C, CLOAD = 1nF
40
70
ns
Pulse Width Modulator Section
Maximum Duty Cycle
EAINV
≤ 1.9V
85
90
%
Minimum Duty Cycle
EAINV
≥ 2.1V
0
%
Modulator Gain
EAOUT = 2.5V to 3.5V
30
%/V
Undervoltage Lockout Section
Start Threshold
OUT – SRC, EAINV
≤ 1.9V, SRC = 0V
10
11
12
V
UVLO Hysteresis
1.5
2
2.5
V
CONNECTION DIAGRAM
Note: The four GND pins are internally connected.
DIL-16, SOIC-16 (Top View)
N or DP Packages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +72V
EAINV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to +10V
EAOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to +10V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to +10V
DIODE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VCC
VGG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VCC +14V
CS . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC – 5V to VCC +0.6V
IOUT Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.8A to +0.6A
SRC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.6V to VCC
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
ABSOLUTE MAXIMUM RATINGS
Not Recommended for New Designs


Similar Part No. - UC3578DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3578DP TI-UC3578DP Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
More results

Similar Description - UC3578DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2578 TI-UC2578 Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC1573 TI-UC1573 Datasheet
136Kb / 5P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2573D TI1-UC2573D Datasheet
1Mb / 12P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Refgulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com