Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2706N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2706N
Description  Dual Output Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2706N Datasheet(HTML) 3 Page - Texas Instruments

  UC2706N Datasheet HTML 1Page - Texas Instruments UC2706N Datasheet HTML 2Page - Texas Instruments UC2706N Datasheet HTML 3Page - Texas Instruments UC2706N Datasheet HTML 4Page - Texas Instruments UC2706N Datasheet HTML 5Page - Texas Instruments UC2706N Datasheet HTML 6Page - Texas Instruments UC2706N Datasheet HTML 7Page - Texas Instruments UC2706N Datasheet HTML 8Page - Texas Instruments UC2706N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
UC1706
UC2706
UC3706
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for
the UC1706, –25°C to +85°C for the UC2706 and 0°C to +70°C for the UC3706; VIN = VC = 20V. TA =TJ.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output High Sat., VC-VO
IO = -50mA
2.0
V
Output Low Sat., VO
IO = 50mA
0.4
V
IO = 500mA
2.5
V
Inhibit Threshold
VREF = 0.5V
0.4
0.6
V
VREF = 3.5V
3.3
3.7
V
Inhibit Input Current
VREF = 0
–10
–20
µA
Analog Threshold
VCM = 0 to 15V, for the UC2706 and UC3706
100
130
160
mV
VCM = 0 to 15V, for the UC1706
80
130
160
mV
Input Bias Current
VCM = 0
–10
–20
µA
Thermal Shutdown
155
°C
TYPICAL SWITCHING CHARACTERISTICS: VIN = VC = 20V, TA = 25°C. Delays measured to 10% output change.
PARAMETERS
TEST CONDITIONS
OUTPUT CL =
UNITS
From Inv. Input to Output:
open
1.0
2.2
nF
Rise Time Delay
110
130
140
ns
10% to 90% Rise
20
40
60
ns
Fall Time Delay
80
90
110
ns
90% to 10% Fall
25
30
50
ns
From N. I. Input to Output:
Rise Time Delay
120
130
140
ns
10% to 90% Rise
20
40
60
ns
Fall Time Delay
100
120
130
ns
90% to 10% Fall
25
30
50
ns
VC Cross-Conduction Current Spike Duration Output Rise
25
ns
Output Fall
0
ns
Inhibit Delay
Inhibit Ref. = 1V, Inhibit Inv. = 0.5 to 1.5V
250
ns
Analog Shutdown Delay
Stop Non-Inv. = 0V, Stop Inv. = 0 to 0.5V
180
ns
CIRCUIT DESCRIPTION
Outputs
The totem-pole outputs have been designed to minimize
cross-conduction current spikes while maximizing fast,
high-current rise and fall times. Current limiting can be
done externally either at the outputs or at the common
VC pin. The output diodes included have slow recovery
and should be shunted with high-speed external diodes
when driving high-frequency inductive loads.
Flip/Flop
Grounding pin 7 activates the internal flip-flop to alter-
nate the two outputs. With pin 7 open, the two outputs
operate simultaneously and can be paralleled for higher
current operation. Since the flip-flop is triggered by the
digital input, an off-time of at last 200nsec must be pro-
vided to allow the flip/flop to change states. Note that the
circuit logic is configured such that the “OFF” state is de-
fined as the outputs low.
Digital Inputs
With both an inverting and non-inverting input available,
either active-high or active-low signals may be accepted.
These are true TTL compatible inputs—the threshold is
approximately 1.2V with no hysteresis; and external pull-
up resistors are not required.
Inhibit Circuit
Although it may have other uses, this circuit is included to
eliminate the need for deadband control when driving
relatively slow bipolar power transistors. A diode from
each inhibit input to the opposite power switch collector
will keep one output from turning-on until the other has
turned-off. The threshold is determined by the voltage on
pin 15 which can be set from 0.5 to 3.5V. When this cir-
cuit is not used, ground pin 15 and leave 1 and 16 open.


Similar Part No. - UC2706N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2706N TI1-UC2706N Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC2706N TI-UC2706N Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC2706NG4 TI1-UC2706NG4 Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC2706NG4 TI-UC2706NG4 Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
More results

Similar Description - UC2706N

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3706 CHERRY-CS3706 Datasheet
151Kb / 6P
   Dual Output Driver
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
   Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC1706J TI-UC1706J Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com