Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1637L Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC1637L
Description  Switched Mode Controller for DC Motor Drive
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1637L Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC1637L Datasheet HTML 3Page - Texas Instruments UC1637L Datasheet HTML 4Page - Texas Instruments UC1637L Datasheet HTML 5Page - Texas Instruments UC1637L Datasheet HTML 6Page - Texas Instruments UC1637L Datasheet HTML 7Page - Texas Instruments UC1637L Datasheet HTML 8Page - Texas Instruments UC1637L Datasheet HTML 9Page - Texas Instruments UC1637L Datasheet HTML 10Page - Texas Instruments UC1637L Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
19-Feb-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-89957012A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
89957012A
UC1637L/
883B
5962-8995701VA
ACTIVE
CDIP
J
18
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-8995701VA
UC1637J/883B
UC1637J
ACTIVE
CDIP
J
18
1
TBD
A42
N / A for Pkg Type
-55 to 125
UC1637J
UC1637J883B
ACTIVE
CDIP
J
18
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-8995701VA
UC1637J/883B
UC1637L
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
UC1637L
UC1637L883B
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
89957012A
UC1637L/
883B
UC2637DW
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-25 to 85
UC2637DW
UC2637DWG4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-25 to 85
UC2637DW
UC2637DWTR
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-25 to 85
UC2637DW
UC2637DWTRG4
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-25 to 85
UC2637DW
UC2637J
ACTIVE
CDIP
J
18
1
TBD
A42
N / A for Pkg Type
-25 to 85
UC2637J
UC2637N
ACTIVE
PDIP
N
18
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
-25 to 85
UC2637N
UC2637NG4
ACTIVE
PDIP
N
18
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
-25 to 85
UC2637N
UC2637Q
ACTIVE
PLCC
FN
20
46
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-25 to 85
UC2637Q
UC2637QTR
ACTIVE
PLCC
FN
20
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-25 to 85
UC2637Q
UC3637DW
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UC3637DW


Similar Part No. - UC1637L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637L TI-UC1637L Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637L TI1-UC1637L Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637L883B TI-UC1637L883B Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637L883B TI1-UC1637L883B Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
More results

Similar Description - UC1637L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI-UC1637 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_17 Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
   DC Motor Drive
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
List of Unclassifed Man...
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 30W 42mm motor
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
List of Unclassifed Man...
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 90W motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com