Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3706 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3706
Description  Dual Output Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3706 Datasheet(HTML) 2 Page - Texas Instruments

  UC3706 Datasheet HTML 1Page - Texas Instruments UC3706 Datasheet HTML 2Page - Texas Instruments UC3706 Datasheet HTML 3Page - Texas Instruments UC3706 Datasheet HTML 4Page - Texas Instruments UC3706 Datasheet HTML 5Page - Texas Instruments UC3706 Datasheet HTML 6Page - Texas Instruments UC3706 Datasheet HTML 7Page - Texas Instruments UC3706 Datasheet HTML 8Page - Texas Instruments UC3706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UC1706
UC2706
UC3706
DIL-16, SOIC-16 (TOP VIEW)
J or N Package, DW Package
PLCC-20, LCC-20 (TOP VIEW)
Q, L Packages
ABSOLUTE MAXIMUM RATINGS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N--Pkg . . . . . . . . . . . . . . . J--Pkg
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . 40V
Collector Supply Voltage, VC . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . 40V
Output Current (Each Output, Source or Sink)
Steady--State . . . . . . . . . . . . . . . . . . . . . . . . . .
±500mA. . . . . . . . . . . . . . . ±500mA
Peak Transient . . . . . . . . . . . . . . . . . . . . . . . . . .
±1.5A. . . . . . . . . . . . . . . . . ±1.0A
Capacitive Discharge Energy . . . . . . . . . . . . . . . 20
µJ
. . . . . . . . . . . . . . . . . . . 15
µJ
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V . . . . . . . . . . . . . . . . . 5.5V
Analog Stop Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . VIN
. . . . . . . . . . . . . . . . . . . . VIN
Power Dissipation at TA = 25°C (See Note) . . . . . . . 2W . . . . . . . . . . . . . . . . . . 1W
Power Dissipation at T (Leads/Case) = 25°C . . . . . . 5W . . . . . . . . . . . . . . . . . . . 2
(See Note)
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . --55°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . --65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . . . . . . . 300°C
Note: All voltages are with respect to the four ground pins which must be connected
together. All currents are positive into, negative out of the specified trerminal. Consult
Packaging sections of the Databook for thermal limitations and considerations of package.
VIN
INHIBIT REF
A INHIBIT
GROUND
GROUND
STOP NON-INV.
BOUTPUT
STOP INV.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INV. INPUT
B INHIBIT
VC
AOUTPUT
FLIP/FLOP
N.I. INPUT
GROUND
GROUND
CONNECTION DIAGRAMS
Note: All four ground pins must be connected to a common
ground.
3
18
17
16
N/C
1
220 19
15
14
4
5
6
7
8
911
10
12 13
B INHIBIT
INV INPUT
A INHIBIT
INHIBIT REF
VIN
GROUND
N/C
GROUND
BOUTPUT
N.I.INPUT
GROUND
N/C
GROUND
AOUTPUT
STOP INV.
STOP NON-INV.
N/C
FLIP/FLOP
VC
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for
the UC1706, –25°C to +85°C for the UC2706 and 0°C to +70°C for the UC3706; VIN = VC = 20V. TA =TJ.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply Current
VIN = 40V
8
10
mA
VC Supply Current
VC = 40V, Outputs Low
4
5
mA
VC Leakage Current
VIN = 0, VC = 30V, No Load
.05
0.1
mA
Digital Input Low Level
0.8
V
Digital Input High Level
2.2
V
Input Current
VI = 0
–0.6
–1.0
mA
Input Leakage
VI = 5V
.05
0.1
mA


Similar Part No. - UC3706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3706 TI-UC3706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
UC3706 TI-UC3706 Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC3706DW TI1-UC3706DW Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC3706DW TI-UC3706DW Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC3706DWG4 TI1-UC3706DWG4 Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
More results

Similar Description - UC3706

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3706 CHERRY-CS3706 Datasheet
151Kb / 6P
   Dual Output Driver
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
   Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC1706J TI-UC1706J Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com