Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8340CLD-5.0 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8340CLD-5.0
Description  Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8340CLD-5.0 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP8340CLD-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 12Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 13Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Section
GENERAL INFORMATION
The LP8340 is a low-dropout, low quiescent current linear
regulator. As shown in Figure 1 it consists of a 1.25V refer-
ence, error amplifier, MOSFET driver, PMOS pass transistor
and for the fixed output versions, an internal feedback net-
work (R
1/R2). In addition, the device is protected from over-
load by a thermal shutdown circuit and a foldback current
limit circuit
The 1.25V reference is connected to the inverting input of
the error amplifier. Regulation of the output voltage is
achieved by means of negative feedback to the non-
inverting input of the error amplifier. Feedback resistors R
1
and R
2 are either internal or external to the device, depend-
ing on whether it is a fixed voltage version or the adjustable
version. The negative feedback and high open loop gain of
the error amplifier cause the two inputs of the error amp to be
virtually equal in voltage. If the output voltage changes due
to load changes, the error amplifier and MOSFET driver
provide the appropriate drive to the pass transistor to main-
tain the error amplifier’s inputs as virtually equal.
EXTERNAL CAPACITOR
An Input capacitor of 1µF or greater is required between the
LP8340 V
IN pin and ground. While 1µF will provide adequate
bypassing of the V
IN supply larger values of input capacitor
(i.e. 10µF) can provide improved bypassing of power supply
noise.
Stable operation can be achieved with an output capacitor of
1µF or greater, either ceramic X7R dielectric or aluminum/
tantalum electrolytic. While the minimum capacitor value is
1µF, the typical output capacitor values selected range from
1µF to 10µF. The larger values provide improved load-
transient response, power supply rejection and stability.
OUTPUT VOLTAGE SETTING (ADJ VERSION ONLY)
The output voltage is set according to the amount of nega-
tive feedback (Note that the pass transistor inverts the feed-
back signal). This feedback is determined by R
1 and R2 with
the resulting output voltage represented by the following
equation:
Use the following equation to determine the values of R
1 and
R
2 for a desired VOUT (R2 = 100
Ω is recommended).
MINIMUM LOAD CURRENT
A minimum load of 100µA is required for regulation and
stability over the entire operating temperature range. If ac-
tual load current fall below 100µA it is recommended that a
resistor of value R
L =VO/100µA be placed between VO and
ground.
20060903
FIGURE 1. LP8340 Functional Block Diagram
www.national.com
11


Similar Part No. - LP8340CLD-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340ILDX-ADJ TI1-LP8340ILDX-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340ILDX-ADJ/NOPB TI1-LP8340ILDX-ADJ/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
More results

Similar Description - LP8340CLD-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com