Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90495 Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part # MB90495
Description  16-bit Proprietary Microcontroller CMOS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90495 Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Back Button MB90495 Datasheet HTML 19Page - Fujitsu Component Limited. MB90495 Datasheet HTML 20Page - Fujitsu Component Limited. MB90495 Datasheet HTML 21Page - Fujitsu Component Limited. MB90495 Datasheet HTML 22Page - Fujitsu Component Limited. MB90495 Datasheet HTML 23Page - Fujitsu Component Limited. MB90495 Datasheet HTML 24Page - Fujitsu Component Limited. MB90495 Datasheet HTML 25Page - Fujitsu Component Limited. MB90495 Datasheet HTML 26Page - Fujitsu Component Limited. MB90495 Datasheet HTML 27Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
MB90495 Series
MB90495 Series Data Sheet (Advance Information)
23 / 40
FME EMDC June 19, 2000
14. AC CHARACTERISTICS
14.1 Clock Timing
(TA = –40 to +85
°C, VCC = 5.0 V 10%, VSS = AVSS = 0 V)
*: Frequency deviation indicates the maximum frequency difference from the target frequency when using a multiplied clock.
Parameter
Symbol
Pin
Rated Value
Units
Remarks
Min.
Typ.
Max.
Oscillation frequency
fC
X0, X1
3
16
MHz
fCL
X0A, X1A
32.768
kHz
Oscillation cycle time
tHCYL
X0, X1
62.5
333
ns
tLCYL
X0A, X1A
30.5
µs
Frequency deviation with
PLL *
∆f—
5
%
Input clock pulse width
PWH, PWL
X0
10
ns
Duty ratio is about 30 to
70%.
PWLH,PWLL
X0A
15.2
µs
Input clock rise and fall
time
tCR, tCF
X0
5
ns
When using external clock
Machine clock frequency
fCP
1.5
16
MHz
When using main clock
fLCP
8.192
kHz
When using sub-clock
Machine clock cycle time
tCP
62.5
666
ns
When using main clock
tLCP
122.1
µs
When using sub-clock
|a|
fO
+a
Central frequency fO
–a
∆f =
× 100%
tHCYL
PWH
tCF
PWL
tCR
0.8 VCC
0.2 VCC
X0
tLCYL
PWLH
tCF
PWLL
tCR
0.8 VCC
0.2 VCC
X0A


Similar Part No. - MB90495

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G_09 Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90495

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com