Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT33N2 Datasheet(PDF) 53 Page - PerkinElmer Optoelectronics

Part # VT33N2
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33N2 Datasheet(HTML) 53 Page - PerkinElmer Optoelectronics

Back Button VT33N2 Datasheet HTML 49Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 50Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 51Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 52Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 53Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 54Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 55Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 56Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 57Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
48
Typical Performance Curves
Output Resistance vs. Input Current
VTL5C2/2
Output Resistance vs. Input Current
VTL5C3/2
Input Characteristics
Response Time
VTL5C2/2
Response Time
VTL5C3/2
Notes:
1.
At 1.0 mA and below, units may have substantially higher
resistance than shown in the typical curves. Consult factory if
closely controlled characteristics are required at low input
currents.
2.
Output resistance vs input current transfer curves are given for
the following light adapt conditions:
(1)
25°C — 24 hours @ no input
(2)
25°C — 24 hours @ 40 mA input
(3)
+50°C — 24 hours @ 40 mA input
(4)
–20°C — 24 hours @ 40 mA input
3.
Response time characteristics are based upon test following
adapt condition (2) above.
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Similar Part No. - VT33N2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT33N2 ETC2-VT33N2 Datasheet
31Kb / 1P
   PACKAGE DIMENSIONS inch (mm)
More results

Similar Description - VT33N2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com