Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT33N2 Datasheet(PDF) 29 Page - PerkinElmer Optoelectronics

Part # VT33N2
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33N2 Datasheet(HTML) 29 Page - PerkinElmer Optoelectronics

Back Button VT33N2 Datasheet HTML 25Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 26Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 27Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 28Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 29Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 30Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 31Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 32Page - PerkinElmer Optoelectronics VT33N2 Datasheet HTML 33Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
24
Application Notes—Photoconductive Cells
LED Light Sources
APPLICATION NOTE #4
Spectral Matching of LEDs and
Photoconductive Types
Since light sources and light detectors are almost always used
together the designer must take into consideration the optical coupling
of this system or the ability of the detector to “see” the light source.
In order to have good optical coupling between the emitter and the
conductor the spectral output of the light source must, to some degree,
overlap the spectral response of the detector. If the design involves the
use of a light source with a broad band spectral output the designer is
assured that the photocell will have good response to the light. This
may not be the case when an LED light source is employed. LEDs emit
their light within a very narrow spectral band so that they are often
considered to be emitting at only on (peak) wavelength.
Spectral matching factors were calculated for a number of different
LEDs and the photoconductor material types manufactured by
PerkinElmer. Each matching factor was derived by multiplying the
detector response curves by the LED spectral output curve and then
measuring the resulting area.
The LED/photocell matching factors listed are independent of power
output from the LEDs. In order to get a real feel on how well any LED/
photocell pair couple together, the power output from the LED at a
particular forward drive current must be considered.
Normalized LED/Photocell Matching
The intensity of the light being emitted by visible LEDs is often given in
units of millicandela. Millicandela is photometric unit of measure which
assumes the human eye as the detector. For most detectors other than
the human eye the most convenient system for measurement is the
radiometric system. Listed below is the typical light power output of
some LEDs measured at two different forward drive currents. Note that
LEDs of a given type can show a 5:1 manufacturing spread in power
outputs.
LED Type
Color
λ
P
GaP
GREEN
569 nm
GaAsP/GaP
YELLOW
585 nm
GaAsP/GaP
ORANGE
635 nm
GaAsP/GaAs
RED
655 nm
AIGaAs
RED
660 nm
GaP/GaP
RED
697 nm
GaAIAs
INFRARED
880 nm
GaAs
INFRARED
940 nm
LED Type
λ
P (nm)
Type Ø Material
Type 3 Material
GaP
569
39%
40%
GaAsP/GaP
58
60%
52%
GaAsP/GaP
635
49%
38%
GaAsP/GaAs
655
31%
27%
AIGaAs
66
31%
27%
GaP/GaP
697
47%
31%
GaAIAs
880
GaAs
940
LED Type
Color
λ
P (nm)
Power Output
If = 1 mA
If = 10 mA
GaP
GREEN
569 nm
1.2 µW
24.1 µW
GaAsP/GaP
YELLOW
585 nm
0.3 µW
26.2 µW
GaAsP/GaP
ORANGE
635 nm
3.2 µW
101.9 µW
GaAsP/GaAs
RED
655 nm
6.2 µW
102.1 µW
AIGaAs
RED
660 nm
33.8 µW
445.1 µW
GaP/GaP
RED
697 nm
54.3 µW
296.2 µW
GaAIAs
INFRARED
880 nm
76.8 µW
1512.3 µW
GaAs
INFRARED
940 nm
35.5 µW
675.0 µW


Similar Part No. - VT33N2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT33N2 ETC2-VT33N2 Datasheet
31Kb / 1P
   PACKAGE DIMENSIONS inch (mm)
More results

Similar Description - VT33N2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com